Electronic Components Datasheet Search
  English  ▼

X  

SC4612HSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4612HSTRT Datasheet HTML 6Page - Semtech Corporation SC4612HSTRT Datasheet HTML 7Page - Semtech Corporation SC4612HSTRT Datasheet HTML 8Page - Semtech Corporation SC4612HSTRT Datasheet HTML 9Page - Semtech Corporation SC4612HSTRT Datasheet HTML 10Page - Semtech Corporation SC4612HSTRT Datasheet HTML 11Page - Semtech Corporation SC4612HSTRT Datasheet HTML 12Page - Semtech Corporation SC4612HSTRT Datasheet HTML 13Page - Semtech Corporation SC4612HSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SC4612H
0
Applications Information (continued)
Over Current Protection
The SC462H features low side MOSFET RDS(ON)
current sensing and hiccup mode over current
protection. The voltage across the bottom FET is
sampled approximately 50ns after it is turned on
to prevent false tripping due to ringing of the phase
node.
The internally set over current threshold is 00mV
typical. This can be adjusted up or down by
connecting a resistor between ILIM and DRV or GND
respectively. When programming with an external
resistor,thresholdsetpointaccuracywillbedegraded
to 30%. The FET R
DS(ON) at temperature will typically
be 50% or more of the room temperature value.
Allowance should be made for these sources of error
when programming a threshold value. When an
over current event occurs, the SC462H immediately
disables both gate drives. The SS ramp continues to
its final value, if not already there. Once at final value,
the SS capacitor is discharged at approximately uA
until SS low value is reached (approx 0.8V). The SS/
Hiccup cycle will then repeat until the fault condition
is removed and the SC462H starts up normally on
the next SS cycle.
Gate Drive/Control
The SC462H provides integrated high current
drivers for fast switching of large MOSFETs. The
higher gate current will reduce switching losses of
the larger MOSFETs.
The low side gate drive is supplied directly from
the DRV. The high side gate drive is bootstraped
from the DRV pin. Cross conduction prevention
circuitry ensures a non overlapping (30ns typical)
gate drive between the top and bottom MOSFETs.
This prevents shoot through losses which provides
higher efficiency. Typical total minimum off time for
the SC462H is about 30ns.
Error Amplifer Design
The SC462H is a voltage mode buck controller that
utilizes an externally compensated high bandwidth
error amplifier to regulate the output voltage. The
power stage of the synchronous rectified buck
converter control-to-output transfer function is as
shown below.
. . . . . . . . . (2)
e
capacitanc
Output
C
resistance
Load
R
voltage
ramp
peak
to
Peak
V
ESR
capacitor
Output
R
inductance
Output
L
voltage
Input
V
,
where
LC
s
R
L
s
1
sCR
1
V
V
)
s
(
G
L
R
ESR
IN
2
L
ESR
R
IN
VD
=
=
=
=
=
=
+
+
+
=
The classical Type III compensation network can be
built around the error amplifier as shown below:
Fig 1. Type III compensation network
The transfer function of the compensation network
is as follows:
. . . . . . . . . (3)
(
)
(
)


+
=
ω
=
ω
+
=
ω
+
=
ω
=
ω


ω
+


ω
+


ω
+


ω
+
⋅
ω
=
3
1
3
1
2
2
P
2
3
1
P
3
1
1
1
2
3
1
2
Z
1
2
1
Z
2
P
1
P
2
Z
1
Z
1
COMP
C
C
C
C
R
1
C
R
1
,
C
C
R
1
C
R
R
1
,
C
R
1
,
where
s
1
s
1
s
1
s
1
s
)
s
(
G
The design guidelines are as following:
. Set the loop gain crossover frequency w
C for given
switching frequency.
2. Place an integrator at the origin to increase DC
and low frequency gains.
3. Select w
Z and wZ2 such that they are placed near
w
O to dampen peaking; the loop gain should cross



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com