Electronic Components Datasheet Search
  English  ▼

X  

SC4612HSTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4612HSTRT Datasheet HTML 8Page - Semtech Corporation SC4612HSTRT Datasheet HTML 9Page - Semtech Corporation SC4612HSTRT Datasheet HTML 10Page - Semtech Corporation SC4612HSTRT Datasheet HTML 11Page - Semtech Corporation SC4612HSTRT Datasheet HTML 12Page - Semtech Corporation SC4612HSTRT Datasheet HTML 13Page - Semtech Corporation SC4612HSTRT Datasheet HTML 14Page - Semtech Corporation SC4612HSTRT Datasheet HTML 15Page - Semtech Corporation SC4612HSTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SC4612H
2
Applications Information (continued)
POWER FETS - The FETs are chosen based on several
criteria with probably the most important being
power dissipation and power handling capability.
TOP FET - The power dissipation in the top FET is a
combination of conduction losses, switching losses
and bottom FET body diode recovery losses.
a) Conduction losses are simply calculated as:
. . . . . . . . . (7)
IN
O
)
ON
(
DS
2
O
COND
V
V
cycle
Duty
D
where
D
R
I
P
≈
=
⋅
⋅
=
b) Switching losses can be estimated if the switching
time is known or assumed:
. . . . . . . . . (8)
(
)
2
f
t
t
V
I
P
OSC
f
r
IN
O
SW
⋅
+
⋅
⋅
=
c) Body diode recovery losses are more difficult to
estimate, but to a first approximation, it is reasonable
to assume that the stored charge on the bottom FET
body diode will be moved through the top FET as it
starts to turn on. The resulting power dissipation in
the top FET will be:
. . . . . . . . . (9)
OSC
IN
RR
RR
f
V
Q
P
⋅
⋅
=
BOTTOM FET - Bottom FET losses are almost entirely
due to conduction. The body diode is forced into
conduction at the beginning and end of the bottom
switch conduction period, so when the FET turns on
and off, there is very little voltage across it resulting
in very low switching losses. Conduction losses for
the FET can be determined by:
. . . . . . . . . (0)
(
)
D
1
R
I
P
)
ON
(
DS
2
O
COND
−
⋅
⋅
=
INPUT CAPACITORS - Since the RMS ripple current in
the input capacitors may be as high as 50% of the
output current, suitable capacitors must be chosen
accordingly. Also, during fast load transients, there
may be restrictions on input di/dt. These restrictions
require useable energy storage within the converter
circuitry, either as extra output capacitance or, more
usually, additional input capacitors. Choosing low
ESR input capacitors will help maximize ripple rating
for a given size.
Low Side R
DS(ON) Current Limit
Fig3: Current Limit circuitry
. Programming resistors Ra and Rb - Not installed:
. . . . . . ()
2
PH
3
R
V
mV
100
R
mV
100
V
75
.
2
−
=
−
solving for: V
PH = -00mV, the circuit will trip
at R
DS(ON) x ILOAD = 00mV
2. To increase trip voltage - install Ra.
. . . . . . . . . (2)
PH
PH
V
10
1
V
20
772
Ra
⋅
+
⋅
−
−
=
solving for double the current limit: V
PH = -200mV.
Ra = 768kW.
3. To decrease trip voltage - install Rb
. . . . . . . . . (3)
PH
PH
V
10
1
V
20
8
Rb
⋅
+
⋅
−
=
solving for half the current limit: V
PH = -50mV.
Rb = 8kW.
NOTE: Allow for tempco and R
DS(ON) variation of the
MOSFET- see the“Over Current Protection”section of
the datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com