Electronic Components Datasheet Search
  English  ▼

X  

B32612 Datasheet(PDF) 8 Page - EPCOS

Part # B32612
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32612 Datasheet(HTML) 8 Page - EPCOS

Back Button B32612 Datasheet HTML 4Page - EPCOS B32612 Datasheet HTML 5Page - EPCOS B32612 Datasheet HTML 6Page - EPCOS B32612 Datasheet HTML 7Page - EPCOS B32612 Datasheet HTML 8Page - EPCOS B32612 Datasheet HTML 9Page - EPCOS B32612 Datasheet HTML 10Page - EPCOS B32612 Datasheet HTML 11Page - EPCOS B32612 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped crimped (lead length 6
1 mm)
008 = Untaped straight (lead length 17
±3 mm)
020 = Double crimped (lead length 6
1 mm)
Packaging codes for further lead configurations (untaped):
Lead configuration (lead length 6
1 mm)
Reduced
Reduced
Reduced
Enlarged
Lead spacing (mm)
7.5 mm
10 mm
12.5 mm
17.5 mm
Packaging code
030
040
050
060
1250 500
6.8
7.0
× 11.0 × 18.0 B32612A7682+*** 3200
4000
4000
10
7.5
× 13.0 × 18.0 B32612A7103+*** 3000
4000
4000
15
8.0
× 14.0 × 18.0 B32612A7153+*** 2800
3600
2000
22
9.5
× 15.5 × 18.0 B32612A7223+*** 2400
3200
2000
33
11.0
× 17.5 × 18.0 B32612A7333+*** 2000
2600
2000
1600 500
4.7
6.5
× 12.0 × 18.0 B32612A1472+*** 3400
4400
4000
6.8
8.0
× 13.0 × 18.0 B32612A1682+*** 2800
3600
2000
10
9.0
× 14.5 × 18.0 B32612A1103+*** 2400
3200
2000
15
10.0
× 17.5 × 18.0 B32612A1153+*** 2200
3000
2000
1600 700
3.3
6.5
× 11.5 × 18.0 B32612J1332+***
3400
4400
4000
4.7
7.5
× 12.5 × 18.0 B32612J1472+***
3000
4000
4000
6.8
8.5
× 14.5 × 18.0 B32612J1682+***
2600
3400
2000
10
9.5
× 17.0 × 18.0 B32612J1103+***
2400
3200
1000
2000 700
1.0
7.0
× 10.5 × 18.0 B32612A2102+*** 3200
4000
4000
1.5
7.5
× 11.5 × 18.0 B32612A2152+*** 3000
4000
4000
2.2
8.0
× 14.5 × 18.0 B32612A2222+*** 2800
3600
4000
3.3
8.5
× 15.0 × 18.0 B32612A2332+*** 2600
3400
2000
4.7
9.5
× 18.0 × 18.0 B32612A2472+*** 2400
3200
2000
B32612
High pulse (wound)
Page 8 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com