Electronic Components Datasheet Search
  English  ▼

X  

B32612 Datasheet(PDF) 14 Page - EPCOS

Part # B32612
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32612 Datasheet(HTML) 14 Page - EPCOS

Back Button B32612 Datasheet HTML 10Page - EPCOS B32612 Datasheet HTML 11Page - EPCOS B32612 Datasheet HTML 12Page - EPCOS B32612 Datasheet HTML 13Page - EPCOS B32612 Datasheet HTML 14Page - EPCOS B32612 Datasheet HTML 15Page - EPCOS B32612 Datasheet HTML 16Page - EPCOS B32612 Datasheet HTML 17Page - EPCOS B32612 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lead spacing
15 mm
22.5 mm
27.5 mm
VR
VRMS
V DC
V AC
dV/dt in V/
µs
250
160
200
120
50
400
200
300
180
100
630
250
400
300
150
1000
250
975
600
300
1250
500
1850
1150
600
1600
500
4500
2400
1000
1600
700
5200
2000
700
8000
7000
2300
2000
1000
7500
k0 values
Lead spacing
15 mm
22.5 mm
27.5 mm
VR
VRMS
V DC
V AC
k0 in V2/
µs
250
160
100 000
60 000
25 000
400
200
250 000
200 000
110 000
630
250
500 000
350 000
250 000
1000
250
3 000 000
1 500 000
1 000 000
1250
500
9 000 000
3 750 000
2 000 000
1600
500
20 000 000
10 000 000
4 000 000
1600
700
28 000 000
2000
700
60 000 000
40 000 000
15 000 000
2000
1000
50 000 000
B32612 ... B32614
High pulse (wound)
Page 14 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com