Electronic Components Datasheet Search
  English  ▼

X  

HIP6302VCBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6302VCBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6302VCBZ Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6302VCBZ Datasheet HTML 1Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 2Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 3Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 4Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 5Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 6Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 7Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 8Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN9034.2
HIP6301V, HIP6302V
Microprocessor CORE Voltage Regulator
Multi-Phase Buck PWM Controller
The HIP6301V and HIP6302V control microprocessor core
voltage regulation by driving up to four synchronous-rectified
buck channels in parallel. Multi-phase buck converter
architecture uses interleaved timing to multiply ripple
frequency and reduce input and output ripple currents.
Lower ripple results in fewer components, lower component
cost, reduced power dissipation, and smaller implementation
area. The HIP6301V is a versatile two to four phase
controller and the HIP6302V is a cost-saving dedicated
two-phase controller.
The HIP6301V and HIP6302V are exact pin compatible
replacements for their predecessor parts, the HIP6301 and
HIP6302. They are the first controllers to incorporate
Dynamic VID™ technology to manage the output voltage
and current during on-the-fly DAC changes. Using Dynamic
VID, the HIP6301V and HIP6302V detect changes in the VID
code and gradually change the reference in 25mV
increments until reaching the new value. By gradually
changing the reference setting, inrush current and the
accompanying voltage swings remain negligibly small.
Intersil offers a wide range of MOSFET drivers to form highly
integrated solutions for high-current, high slew-rate
applications. The HIP6301V and HIP6302V regulate output
voltage, balance load currents and provide protective
functions for two to four synchronous-rectified buck converter
channels. These parts feature an integrated high-bandwidth
error amplifier for fast, precise regulation and a five-bit DAC
for the digital interface to program the 0.8% accuracy. A
window comparator toggles PGOOD if the output voltage
moves out of range and acts to protect the load in case of
over voltage.
Current sensing is accomplished by reading the voltage
developed across the lower MOSFETs during their
conduction intervals. Current sensing provides the needed
signals for precision droop, channel-current balancing, load
sharing, and over-current protection. This saves cost by
taking advantage of the power device’s parasitic on
resistance.
Features
• Multi-Phase Power Conversion
• Precision CORE Voltage Regulation
-
±0.8% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- Dynamic-VID Technology
- 5-Bit VID Decoder
• Precision Channel-Current Balance
• Overcurrent Protection
• Lossless Current Sensing
• Programmable “Droop” Voltage
• Fast Transient Response
• Selection of 2, 3, or 4 Phase Operation
• High Ripple Frequency (100kHz to 6MHz)
•
Pb-Free Available (RoHS Compliant)
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. DWG.
#
HIP6301VCB
0 to 70
20 Ld SOIC
M20.3
HIP6301VCBZ
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
HIP6301VCBZA
(See Note)
0 to 70
20 Ld SOIC
(Pb-free)
M20.3
HIP6302VCB
0 to 70
16 Ld SOIC
M16.15
HIP6302VCBZ
(See Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 27, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2004. All Rights Reserved
Dynamic VID™ is a trademark of Intersil Americas Inc.


Similar Part No. - HIP6302VCBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6302VCBZ RENESAS-HIP6302VCBZ Datasheet
945Kb / 20P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6302VCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com