Electronic Components Datasheet Search
  English  ▼

X  

HIP6302VCBZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP6302VCBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6302VCBZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP6302VCBZ Datasheet HTML 8Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 9Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 10Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 11Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 12Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 13Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 14Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 15Page - Intersil Corporation HIP6302VCBZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
FN9034.2
December 27, 2004
At the end of the delay, PWM outputs are restarted and the
soft-start ramp is initiated. If a short is present at that time,
the cycle is repeated. This is the hiccup mode.
Figure 8 shows the supply shorted under operation and the
hiccup operating mode described above. Note that due to
the high short circuit current, overcurrent is detected before
completion of the start-up sequence so the delay is not quite
as long as the normal soft-start cycle.
CORE Voltage Programming
The voltage identification pins (VID0, VID1, VID3, and VID4)
set the CORE output voltage. Each VID pin is pulled to 2.5V by
an internal 20
µA current source and accepts open-collector/
open-drain/open-switch-to-ground or standard low-voltage
TTL or CMOS signals.
Table 1 shows the nominal DAC voltage as a function of the
VID codes. The power supply system is
±0.8% accurate over
the operating temperature and voltage range.
TABLE 1. VOLTAGE IDENTIFICATION CODES
VID4
VID3
VID2
VID1
VID0
VDAC
111
11
Off
111
10
1.100
111
01
1.125
111
00
1.150
110
11
1.175
110
10
1.200
110
01
1.225
110
00
1.250
101
11
1.275
101
10
1.300
101
01
1.325
PGOOD
SHORT
50A/Div
CURRENT
ATX SUPPLY ACTIVATED BY ATX “PS-ON PIN”
SUPPLY FREQUENCY = 200kHz, V IN = 12V
HICCUP MODE. SUPPLY POWERED BY ATX SUPPLY
CORE LOAD CURRENT = 31A, 5V LOAD = 5A
SHORT APPLIED HERE
FIGURE 8. SHORT APPLIED TO SUPPLY AFTER POWER-UP
101
00
1.350
100
11
1.375
100
10
1.400
100
01
1.425
100
00
1.450
011
11
1.475
011
10
1.500
011
01
1.525
011
00
1.550
010
11
1.575
010
10
1.600
010
01
1.625
010
00
1.650
001
11
1.675
001
10
1.700
001
01
1.725
001
00
1.750
000
11
1.775
000
10
1.800
000
01
1.825
000
00
1.850
TABLE 1. VOLTAGE IDENTIFICATION CODES (Continued)
VID4
VID3
VID2
VID1
VID0
VDAC
HIP6301V, HIP6302V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com