Electronic Components Datasheet Search
  English  ▼

X  

EL2227CS Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2227CS
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CS Datasheet(HTML) 4 Page - Intersil Corporation

  EL2227CS Datasheet HTML 1Page - Intersil Corporation EL2227CS Datasheet HTML 2Page - Intersil Corporation EL2227CS Datasheet HTML 3Page - Intersil Corporation EL2227CS Datasheet HTML 4Page - Intersil Corporation EL2227CS Datasheet HTML 5Page - Intersil Corporation EL2227CS Datasheet HTML 6Page - Intersil Corporation EL2227CS Datasheet HTML 7Page - Intersil Corporation EL2227CS Datasheet HTML 8Page - Intersil Corporation EL2227CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN7058.4
September 14 ,2010
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 2. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 3. NON-INVERTING FREQUENCY RESPONSE
(GAIN)
FIGURE 4. INVERTING FREQUENCY RESPONSE (GAIN)
FIGURE 5. NON-INVERTING FREQUENCY RESPONSE
(PHASE)
FIGURE 6. INVERTING FREQUENCY RESPONSE (PHASE)
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
FREQUENCY (Hz)
200M
VS = ±12V
AV = +2
RL = 500Ω
RF = 620Ω
RF = 1kΩ
RF = 100Ω
RF = 350Ω
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
FREQUENCY (Hz)
200M
VS = ±12V
AV = -1
RL = 500Ω
RF = 1kΩ
RF = 620Ω
RF = 420Ω
RF = 350Ω
RF = 100Ω
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
FREQUENCY (Hz)
200M
VS = ±12V
RF = 350Ω
RL = 500Ω
AV = 2
AV = 5
AV = 10
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
FREQUENCY (Hz)
200M
VS = ±12V
RF = 420Ω
RL = 500Ω
AV = -5
AV = -10
AV = -2
AV = -1
135
90
45
0
-45
-90
-135
-180
-225
-270
-315
1M
10M
FREQUENCY (Hz)
100M200M
VS = ±12
RF = 350Ω
RL = 500Ω
AV = 10
AV = 2
AV = 5
135
90
45
0
-45
-90
-135
-180
-225
-270
-315
1M
10M
100M
FREQUENCY (Hz)
200M
VS = ±12V
RF = 420Ω
RL = 500Ω
AV = -5
AV = -10
AV = -1
AV = -2
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com