Electronic Components Datasheet Search
  English  ▼

X  

EL2227CS Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2227CS
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2227CS Datasheet HTML 6Page - Intersil Corporation EL2227CS Datasheet HTML 7Page - Intersil Corporation EL2227CS Datasheet HTML 8Page - Intersil Corporation EL2227CS Datasheet HTML 9Page - Intersil Corporation EL2227CS Datasheet HTML 10Page - Intersil Corporation EL2227CS Datasheet HTML 11Page - Intersil Corporation EL2227CS Datasheet HTML 12Page - Intersil Corporation EL2227CS Datasheet HTML 13Page - Intersil Corporation EL2227CS Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN7058.4
September 14 ,2010
FIGURE 37. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
0.9
0.8
0.6
0.4
0.2
0
0100
AMBIENT TEMPERATURE (°C)
150
25
125
75
50
0.7
0.5
0.3
0.1
85
781m
607m
θ
JA =
+16
0°C
/W
θ
JA =
+20
6°C
/W
SO
8
MS
OP8
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
Pin Descriptions
EL2227CY
8 Ld MSOP
EL2227CS
8 Ld SOIC
PIN
NAME
PIN
FUNCTION
EQUIVALENT CIRCUIT
1
1
VOUTA
Output
Circuit 1
2
2
VINA-
Input
Circuit 2
3
3
VINA+
Input
Reference Circuit 2
4
4
VS-
Supply
5
5
VINB+
Input
6
6
VINB-
Input
Reference Circuit 2
7
7
VOUTB
Output
Reference Circuit 1
8
8
VS+
Supply
VOUT
VS+
VIN-
VIN+
VS+
VS-
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com