Electronic Components Datasheet Search
  English  ▼

X  

EL2227CSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2227CSZ
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CSZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL2227CSZ Datasheet HTML 1Page - Intersil Corporation EL2227CSZ Datasheet HTML 2Page - Intersil Corporation EL2227CSZ Datasheet HTML 3Page - Intersil Corporation EL2227CSZ Datasheet HTML 4Page - Intersil Corporation EL2227CSZ Datasheet HTML 5Page - Intersil Corporation EL2227CSZ Datasheet HTML 6Page - Intersil Corporation EL2227CSZ Datasheet HTML 7Page - Intersil Corporation EL2227CSZ Datasheet HTML 8Page - Intersil Corporation EL2227CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7058.4
September 14 ,2010
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, and TA = +25°C, Unless Otherwise
Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
0.2
3
mV
TCVOS
Average Offset Voltage Drift
-0.6
µV/°C
IB
Input Bias Current
VCM = 0V
-9
-3.7
µA
RIN
Input Impedance
7.3
M
Ω
CIN
Input Capacitance
1.6
pF
CMIR
Common-Mode Input Range
-4.8
3.4
V
CMRR
Common-Mode Rejection Ratio
For VIN from -4.8V to 3.4V
60
97
dB
AVOL
Open-Loop Gain
-5V
≤ VOUT ≤ 5V
70
84
dB
eN
Voltage Noise
f = 100kHz
1.9
nV/
√Hz
iN
Current Noise
f = 100kHz
1.2
pA/
√Hz
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 500Ω
-3.8
-3.5
V
RL = 250Ω
-3.7
-3.5
V
VOH
Output Swing High
RL = 500Ω
3.5
3.7
V
RL = 250Ω
3.5
3.6
V
ISC
Short Circuit Current
RL = 10Ω
60
100
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±12V
65
95
dB
IS
Supply Current (Per Amplifier)
No Load
4.5
5.5
mA
VS
Operating Range
±2.5
±12
V
DYNAMIC PERFORMANCE
SR
Slew Rate
±2.5V square wave, measured 25% to 75%
35
45
V/µs
tS
Settling to 0.1% (AV = +2)
(AV = +2), VO = ±1V
77
ns
BW
-3dB Bandwidth
RF = 358Ω
90
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, RF = 358Ω
98
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, RF = 358Ω
90
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, RF = 358Ω
94
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, RF = 358Ω
79
dBc
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com