Electronic Components Datasheet Search
  English  ▼

X  

EL2227CSZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2227CSZ
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CSZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL2227CSZ Datasheet HTML 1Page - Intersil Corporation EL2227CSZ Datasheet HTML 2Page - Intersil Corporation EL2227CSZ Datasheet HTML 3Page - Intersil Corporation EL2227CSZ Datasheet HTML 4Page - Intersil Corporation EL2227CSZ Datasheet HTML 5Page - Intersil Corporation EL2227CSZ Datasheet HTML 6Page - Intersil Corporation EL2227CSZ Datasheet HTML 7Page - Intersil Corporation EL2227CSZ Datasheet HTML 8Page - Intersil Corporation EL2227CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN7058.4
September 14 ,2010
FIGURE 7. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS INPUT SIGNAL LEVELS
FIGURE 8. INVERTING FREQUENCY RESPONSE FOR
VARIOUS INPUT SIGNAL LEVELS
FIGURE 9. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 10. INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 11. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RL
FIGURE 12. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
DC LEVELS
Typical Performance Curves (Continued)
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
FREQUENCY (Hz)
100M
VS = ±12V
RF = 350Ω
AV = +2
RL = 500Ω
VIN = 2VP-P
VIN = 1VP-P
VIN = 500mVP-P
VIN = 100mVP-P
VIN = 20mVP-P
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
FREQUENCY (Hz)
200M
VS ±12V
RF = 420Ω
RL = 500Ω
AV = -1
VIN = 2.8VP-P
VIN = 1.4VP-P
VIN = 280mVP-P
VIN = 20mVP-P
5
4
3
2
1
0
-1
-2
-3
-4
-5
1M
10M
100M
FREQUENCY (Hz)
200M
VS=±1
2V
RF=62
VS = ±12V
RF = 620Ω
RL = 500Ω
AV = +2
CL = 2pF
CL = 12pF
CL = 30pF
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
FREQUENCY (Hz)
200M
VS ± 12V
R F = 420Ω
RL = 500Ω
AV = -1
CL = 2pF
CL = 12pF
CL = 30pF
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
FREQUENCY (Hz)
200M
VS = ±12V
RF = 620Ω
CL = 15pF
AV = +2
RL = 50Ω
RL = 100Ω
RL = 500Ω
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
FREQUENCY (Hz)
VS = ±12V
RF = 620Ω
RL = 500Ω
AV = +2
100M
VO = -5V
VO = 0V
VO = -10V
VO = +10V
VO = +5V
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com