Electronic Components Datasheet Search
  English  ▼

X  

ICL7621 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7621
Description  Dual, Low Power CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7621 Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7621 Datasheet HTML 1Page - Intersil Corporation ICL7621 Datasheet HTML 2Page - Intersil Corporation ICL7621 Datasheet HTML 3Page - Intersil Corporation ICL7621 Datasheet HTML 4Page - Intersil Corporation ICL7621 Datasheet HTML 5Page - Intersil Corporation ICL7621 Datasheet HTML 6Page - Intersil Corporation ICL7621 Datasheet HTML 7Page - Intersil Corporation ICL7621 Datasheet HTML 8Page - Intersil Corporation ICL7621 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
File Number
3403.3
ICL7621, ICL7641, ICL7642
Dual/Quad, Low Power CMOS Operational
Amplifiers
The ICL761X/762X/764X series is a family of monolithic
CMOS operational amplifiers. These devices provide the
designer with high performance operation at low supply
voltages and selectable quiescent currents. They are an
ideal design tool when ultra low input current and low power
dissipation are desired.
The basic amplifier will operate at supply voltages ranging
from
±1V to ±8V, and may be operated from a single Lithium
cell. The output swing ranges to within a few millivolts of the
supply voltages.
The quiescent supply current of these amplifiers is set to 3
different ranges at the factory. Both amps of the dual
ICL7621 are set to an IQ of 100µA, while each amplifier of
the quad ICL7641 and ICL7642 are set to an IQ of 1mA and
10
µA respectively. This results in power consumption as low
as 20
µW per amplifier.
Of particular significance is the extremely low (1pA) input
current, input noise current of 0.01pA/
√Hz, and 1012Ω input
impedance. These features optimize performance in very
high source impedance applications.
The inputs are internally protected. Outputs are fully
protected against short circuits to ground or to either supply.
AC performance is excellent, with a slew rate of 1.6V/
µs, and
unity gain bandwidth of 1MHz at IQ = 1mA.
Because of the low power dissipation, junction temperature
rise and drift are quite low. Applications utilizing these
features may include stable instruments, extended life
designs, or high density packages.
Features
• Wide Operating Voltage Range . . . . . . . . . . .
±1V to ±8V
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . .1012
Ω
• Input Current Lower Than BIFETs . . . . . . . . . . . 1pA (Typ)
• Output Voltage Swing . . . . . . . . . . . . . . . . . . . . V+ and V-
• Available as Duals and Quads (Refer to ICL7611 for Singles)
• Low Power Replacement for Many Standard Op Amps
Applications
• Portable Instruments
• Telephone Headsets
• Hearing Aid/Microphone Amplifiers
• Meter Amplifiers
• Medical Instruments
• High Impedance Buffers
Pinouts
ICL7621 (PDIP, SOIC)
TOP VIEW
ICL7621 (METAL CAN)
TOP VIEW
ICL7641 (PDIP), ICL7642 (PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ICL7621ACPA
0 to 70
8 Ld PDIP -
A Grade - IQ = 100µA
E8.3
ICL7621BCPA
0 to 70
8 Ld PDIP -
B Grade - IQ = 100µA
E8.3
ICL7621DCPA
0 to 70
8 Ld PDIP -
D Grade - IQ = 100µA
E8.3
ICL7621AMTV
-55 to 125
8 Pin Metal Can -
A Grade - IQ = 100µA
T8.C
ICL7621DCBA
0 to 70
8 Ld SOIC -
D Grade - IQ = 100µA
M8.15
ICL7621DCBA-T
0 to 70
8 Ld SOIC - D Grade -
Tape and Reel -
IQ = 100µA
M8.15
ICL7641ECPD
0 to 70
14 Ld PDIP - E Grade -
IQ = 1mA
E14.3
ICL7642ECPD
0 to 70
14 Ld PDIP - E Grade -
IQ = 10µA
E14.3
OUTA
-INA
+INA
V-
1
2
3
4
8
7
6
5
V+
OUTB
-INB
+INB
-
-
V+
-INB
-INA
V-
OUTA
+INA
OUTB
+INB
8
7
1
2
3
4
5
6
OUTA
-INA
+INA
V+
+INB
-INB
OUTB
OUTD
-IND
+IND
V-
+INC
-INC
OUTC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - ICL7621

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
163Kb / 7P
Dual, Low Power CMOS Operational Amplifiers
May 2001
ICL7621 INTERSIL-ICL7621 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
logo
Maxim Integrated Produc...
ICL7621ACJD MAXIM-ICL7621ACJD Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
ICL7621ACJE MAXIM-ICL7621ACJE Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
More results

Similar Description - ICL7621

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M2C STMICROELECTRONICS-TS27M2C Datasheet
195Kb / 9P
PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
2001-Nov
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
Dual, Low Power CMOS Operational Amplifiers
May 2001
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
1.4MHz, Low Power CMOS Operational Amplifiers
April 26, 2007
logo
STMicroelectronics
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
Low-power CMOS dual operational amplifiers
18-Aug-2009
TS27L2ID STMICROELECTRONICS-TS27L2ID Datasheet
206Kb / 9P
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com