Electronic Components Datasheet Search
  English  ▼

X  

ICL7621 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7621
Description  Dual, Low Power CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7621 Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7621 Datasheet HTML 1Page - Intersil Corporation ICL7621 Datasheet HTML 2Page - Intersil Corporation ICL7621 Datasheet HTML 3Page - Intersil Corporation ICL7621 Datasheet HTML 4Page - Intersil Corporation ICL7621 Datasheet HTML 5Page - Intersil Corporation ICL7621 Datasheet HTML 6Page - Intersil Corporation ICL7621 Datasheet HTML 7Page - Intersil Corporation ICL7621 Datasheet HTML 8Page - Intersil Corporation ICL7621 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.3 to V+ +0.3V
Differential Input Voltage (Note 1) . . . . . . . . . [(V+ +0.3) - (V- -0.3)]V
Duration of Output Short Circuit (Note 2). . . . . . . . . . . . . . Unlimited
Operating Conditions
Temperature Range
ICL76XXM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
ICL76XXC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . .
160
N/A
Metal Can Package . . . . . . . . . . . . . . .
160
75
8 Lead PDIP Package . . . . . . . . . . . . .
120
N/A
14 Lead PDIP Package . . . . . . . . . . . .
80
N/A
Maximum Junction Temperature (Hermetic Packages). . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Long term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time.
2. The outputs may be shorted to ground or to either supply, for VSUPPLY ≤10V. Care must be taken to insure that the dissipation rating is not
exceeded.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP.
(oC)
ICL7621A
ICL7621B
ICL7621D
UNITS
MIN
TYP MAX MIN
TYP MAX MIN
TYP
MAX
Input Offset Voltage
VOS
RS ≤ 100kΩ
25
-
-
2
-
-
5
-
-
15
mV
Full
-
-
3
-
-
7
-
-
20
mV
Temperature
Coefficient of VOS
∆VOS/∆TRS ≤ 100kΩ
-
-
10
-
-
15
-
-
25
-
µV/oC
Input Offset Current
IOS
25
-
0.5
30
-
0.5
30
-
0.5
30
pA
0 to 70
-
-
300
-
-
300
-
-
300
pA
-55 to 125
-
-
800
-
800
-
800
pA
Input Bias Current
IBIAS
25
-
1.0
50
-
1.0
50
-
1.0
50
pA
0 to 70
-
-
400
-
-
400
-
-
400
pA
-55 to 125
-
-
4000
-
-
4000
-
-
4000
pA
Common Mode Voltage
Range
VCMR
IQ = 100µA25
±4.2
-
-
±4.2
-
-
±4.2
-
-
V
Output Voltage Swing
VOUT
IQ = 100µA,
RL = 100kΩ
25
±4.9
-
-
±4.9
-
-
±4.9
-
-
V
0 to 70
±4.8
-
-
±4.8
-
-
±4.8
-
-
V
-55 to 125
±4.5
-
-
±4.5
-
-
±4.5
-
-
V
Large Signal
Voltage Gain
AVOL
VO = ±4.0V,
RL = 100kΩ ,
IQ = 100µA
25
86
102
-
80
102
-
80
102
-
dB
0 to 70
80
-
-
75
-
-
75
-
-
dB
-55 to 125
74
-
-
68
-
-
68
-
-
dB
Unity Gain Bandwidth
GBW
IQ = 100µA
25
-
0.48
-
-
0.48
-
-
0.48
-
MHz
Input Resistance
RIN
25
-
1012
--
1012
--
1012
-
Ω
Common Mode
Rejection Ratio
CMRR
RS ≤ 100kΩ,
IQ = 100µA
25
76
91
-
70
91
-
70
91
-
dB
Power Supply
Rejection Ratio
(VSUPPLY = ±8V to ±2V)
PSRR
RS ≤ 100kΩ,
IQ = 100µA
25
80
86
-
80
86
-
80
86
-
dB
Input Referred Noise
Voltage
eN
RS = 100Ω,
f = 1kHz
25
-
100
-
-
100
-
-
100
-
nV/
√Hz
Input Referred Noise
Current
iN
RS = 100Ω,
f = 1kHz
25
-
0.01
-
-
0.01
-
-
0.01
-
pA/
√Hz
Supply Current
(Per Amplifier)
ISUPPLY No Signal, No Load,
IQ = 100µA
25
-
0.1
0.25
-
0.1
0.25
-
0.1
0.25
mA
ICL7621, ICL7641, ICL7642



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com