Electronic Components Datasheet Search
  English  ▼

X  

2SJ569LS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SJ569LS
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ569LS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SJ569LS Datasheet HTML 1Page - Sanyo Semicon Device 2SJ569LS Datasheet HTML 2Page - Sanyo Semicon Device 2SJ569LS Datasheet HTML 3Page - Sanyo Semicon Device 2SJ569LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ569LS
No.6898-1/4
Ultrahigh-Speed Switching Applications
P-Channel Silicon MOSFET
Features
•
Low ON-resistance.
•
Ultrahigh-speed switching.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--300
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
--5
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--20
A
2.0
W
Allowable Power Dissipation
PD
Tc=25
°C30
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--300
V
Gate-to-Source Breakdown Voltage
V(BR)GSS
IG=±100µA, VDS=0
±30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--300V, VGS=0
--100
µA
Gate-to-Sourse Leakage Current
IGSS
VGS=±25V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.5
--2.5
V
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6898
2SJ569LS
Package Dimensions
unit : mm
2078B
[2SJ569]
22201 TS IM TA-2231
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220FI-LS
10.0
0.9
1.2
0.75
4.5
2.8
2.55
2.55
1
2 3
3.2
0.7


Similar Part No. - 2SJ569LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ560 SANYO-2SJ560 Datasheet
184Kb / 4P
Ultrahigh-Speed Switching Applications
2SJ561 SANYO-2SJ561 Datasheet
159Kb / 4P
Ultrahigh-Speed Switching Applications
2SJ562 SANYO-2SJ562 Datasheet
147Kb / 4P
Ultrahigh-Speed Switching Applications
logo
VBsemi Electronics Co.,...
2SJ562 VBSEMI-2SJ562 Datasheet
985Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Sanyo Semicon Device
2SJ563 SANYO-2SJ563 Datasheet
140Kb / 4P
Ultrahigh-Speed Switching Applications
More results

Similar Description - 2SJ569LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
Ultrahigh-Speed Switching Applications
2SK2628LS SANYO-2SK2628LS Datasheet
28Kb / 4P
Ultrahigh-Speed Switching Applications
3LN01M SANYO-3LN01M Datasheet
41Kb / 4P
Ultrahigh-Speed Switching Applications
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
2SK3614 SANYO-2SK3614 Datasheet
59Kb / 4P
UltraHigh-Speed Switching Applications
2SK3486 SANYO-2SK3486 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com