Electronic Components Datasheet Search
  English  ▼

X  

2SJ569LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SJ569LS
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ569LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SJ569LS Datasheet HTML 1Page - Sanyo Semicon Device 2SJ569LS Datasheet HTML 2Page - Sanyo Semicon Device 2SJ569LS Datasheet HTML 3Page - Sanyo Semicon Device 2SJ569LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ569LS
No.6898-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--3A
3
5
S
Static Drain-to-Sourse On-State Resistance
RDS(on)
ID=--3A, VGS=--10V
0.95
1.25
Ω
Input Capacitance
Ciss
VDS=--20V, f=1MHz
750
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
170
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
76
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
24
ns
Rise Time
tr
See specified Test Circui
37
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
230
ns
Fall Time
tf
See specified Test Circuit
110
ns
Diode Forward Voltage
VSD
IS=--5A, VGS=0
--1.0
--1.5
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
Ω
G
S
ID= --3A
RL=33.3Ω
VDD= --100V
VOUT
2SJ569LS
VIN
D
0
--2
--4
--6
--8
--10
--12
--14
--16
--18
--20
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
0
0
--2
--4
--6
--1
--3
--5
0
--3
--2
--1
--4
--6
--5
--7
--8
ID -- VGS
0
0
--0.5
--1.0
--1.5
--5.0
--3.0
--2.5
--6
--2.0
--4.5
--4.0
--3.5
--12
--18
--24
--30
--3
--9
--15
--21
--27
ID -- VDS
VGS= --2.5V
RDS(on) -- Tc
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
RDS(on) -- VGS
Tc=25
°C
ID= --3A
IT01834
IT01835
IT01836
IT01837
--60
--40
--20
0
20
40
60
80
100
120
160
140
--3.0V
--3.5V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
ID= --3A
VGS= --10V
VDS= --10V
75°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com