Electronic Components Datasheet Search
  English  ▼

X  

EL7154CSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7154CSZ
Description  High Speed, Monolithic Pin Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7154CSZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL7154CSZ Datasheet HTML 1Page - Intersil Corporation EL7154CSZ Datasheet HTML 2Page - Intersil Corporation EL7154CSZ Datasheet HTML 3Page - Intersil Corporation EL7154CSZ Datasheet HTML 4Page - Intersil Corporation EL7154CSZ Datasheet HTML 5Page - Intersil Corporation EL7154CSZ Datasheet HTML 6Page - Intersil Corporation EL7154CSZ Datasheet HTML 7Page - Intersil Corporation EL7154CSZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN7278.2
March 8, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply (VDD to VL; VH to VL, VH to GND),
V+ to VH. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
VL to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5V
Input Pins . . . . . . . . . . . . . . . . . -0.3V below VL to +0.3V above VDD
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4A
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 570mW
PDIP* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1050mW
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
TA = +25°C, VDD = +12V, VH = +12V, VL = -3V, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
VIH
Logic “1” Input Voltage
2.4
V
IIH
Logic “1” Input Current
VIH = VDD
0.1
10
µA
VIL
Logic “0” Input Voltage
0.6
V
IIL
Logic “0” Input Current
VIL = 0V
0.1
10
µA
VHVS
Input Hysteresis
0.3
V
OUTPUT
ROH
Pull-Up Resistance
IOUT = -100mA
1.5
4
Ω
ROL
Pull-Down Resistance
IOUT = +100mA
2
4
Ω
IOUT
Output Leakage Current
VDD/GND
0.2
10
µA
IPK
Peak Output Current
Source/Sink
4.0
A
IDC
Continuous Output Current
Source/Sink
200
mA
POWER SUPPLY
IS
Power Supply Current
Inputs = VDD
12.5
mA
VS
Operating Voltage
4.5
16
V
IG
Current to GND (Pin 4)
1
10
µA
IH
Off Leakage at VH
Pin 8 = 0V
1
10
µA
AC Electrical Specifications
TA = +25°C unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS (VDD = VH = 12V; VL = -3V)
tR
Rise Time
CL = 100pF
4
25
ns
CL = 2000pF
20
tF
Fall Time
CL = 100pF
4
25
ns
CL = 2000pF
20
tD-1
Turn-Off Delay Time
CL = 2000pF
20
25
ns
tD-2
Turn-On Delay Time
CL = 2000pF
10
25
ns
tD-1
Three-State Delay
25
ns
tD-2
Three-State Delay
25
ns
EL7154



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com