Electronic Components Datasheet Search
  English  ▼

X  

EL7154CSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7154CSZ
Description  High Speed, Monolithic Pin Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7154CSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL7154CSZ Datasheet HTML 1Page - Intersil Corporation EL7154CSZ Datasheet HTML 2Page - Intersil Corporation EL7154CSZ Datasheet HTML 3Page - Intersil Corporation EL7154CSZ Datasheet HTML 4Page - Intersil Corporation EL7154CSZ Datasheet HTML 5Page - Intersil Corporation EL7154CSZ Datasheet HTML 6Page - Intersil Corporation EL7154CSZ Datasheet HTML 7Page - Intersil Corporation EL7154CSZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN7278.2
March 8, 2007
Ordering Information
PART
NUMBER
PART
MARKING
TAPE AND
REEL
PACKAGE
PKG.
DWG. #
EL7154CN
EL7154CN
-
8 Ld PDIP
MDP0031
EL7154CNZ
EL7154CN Z
-
8 Ld PDIP*
(Pb-free)
MDP0031
EL7154CS
7154CS
-
8 Ld SOIC
MDP0027
EL7154CS-T7
7154CS
7”
8 Ld SOIC
MDP0027
EL7154CS-T13
7154CS
13”
8 Ld SOIC
MDP0027
EL7154CSZ
(See Note)
7154CSZ
-
8 Ld SOIC
(Pb-free)
MDP0027
EL7154CSZ-T7
(See Note)
7154CSZ
7”
8 Ld SOIC
(Pb-free)
MDP0027
EL7154CSZ-T13
(See Note)
7154CSZ
13”
8 Ld SOIC
(Pb-free)
MDP0027
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Nominal Operating Voltage Range
PIN
MIN
MAX
VL
-3
0
VDD to VL
515
VH to VL
215
VDD to VH
-0.5
15
VDD
515
EL7154



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com