Electronic Components Datasheet Search
  English  ▼

X  

EL7156CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7156CS
Description  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7156CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL7156CS Datasheet HTML 1Page - Intersil Corporation EL7156CS Datasheet HTML 2Page - Intersil Corporation EL7156CS Datasheet HTML 3Page - Intersil Corporation EL7156CS Datasheet HTML 4Page - Intersil Corporation EL7156CS Datasheet HTML 5Page - Intersil Corporation EL7156CS Datasheet HTML 6Page - Intersil Corporation EL7156CS Datasheet HTML 7Page - Intersil Corporation EL7156CS Datasheet HTML 8Page - Intersil Corporation EL7156CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FIGURE 7. PROPAGATION DELAY vs SUPPLY VOLTAGE
FIGURE 8. PROPAGATION DELAY vs TEMPERATURE
FIGURE 9. RISE/FALL TIME vs LOAD CAPACITANCE
FIGURE 10. SUPPLY CURRENT vs LOAD CAPACITANCE
FIGURE 11. SUPPLY CURRENT vs FREQUENCY
FIGURE 12. VH SUPPLY CURRENT vs FREQUENCY
Typical Performance Curves (Continued)
CL=2000pF, T=25°C
15
13
SUPPLY VOLTAGE (V)
9
17
5
15
11
10
tD-2
tD-1
CL=2000pF, VS+=15V
TEMPERATURE (°C)
6
14
0125
-50
50
12
8
-25
25
75
100
10
tD-2
tD-1
VS+=+15V, T=25°C
10000
30
LOAD CAPACITANCE (pF)
0
70
100
1000
60
50
40
20
10
tF
tR
100
1000
10000
0
1
4
5
3
2
VS+=VH=15V, VS-=VL=0V, T=25°C, f=20kHz
LOAD CAPACITANCE (pF)
7M
10M
1M
4M
0
6
10
14
VS+=VH, VS-=VL=0V, CL=0pF
FREQUENCY (Hz)
VS+=VH=15V
VS+=VH
VS+=VH=10V
VS+=VH=5V
1M
8M
6M
2M
9M
6M
3M
4
8
12
2
7M
10M
1M
4M
0
20
30
VS+=VH, VS-=VL=0V, CL=0pF
FREQUENCY (Hz)
VS+=VH=15V
VS+=VH
VS+=VH=10V
VS+=VH=5V
1M
8M
6M
2M
9M
6M
3M
10
15
25
5
EL7156



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com