Electronic Components Datasheet Search
  English  ▼

X  

EL7156CS Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7156CS
Description  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7156CS Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL7156CS Datasheet HTML 2Page - Intersil Corporation EL7156CS Datasheet HTML 3Page - Intersil Corporation EL7156CS Datasheet HTML 4Page - Intersil Corporation EL7156CS Datasheet HTML 5Page - Intersil Corporation EL7156CS Datasheet HTML 6Page - Intersil Corporation EL7156CS Datasheet HTML 7Page - Intersil Corporation EL7156CS Datasheet HTML 8Page - Intersil Corporation EL7156CS Datasheet HTML 9Page - Intersil Corporation EL7156CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Applications Information
Product Description
The EL7156 is a high performance 40MHz pin driver. It
contains two analog switches connecting VH and VL to OUT.
Depending on the value of the IN pin, one of the two
switches will be closed and the other switch open. An output
enable (OE) is also supplied which opens both switches
simultaneously.
Due to the topology of the EL7156, both the VH and VL pins
can be connected to any voltage between the VS+ and VS-
pins, but VH must be greater than VL in order to prevent
turning on the body diode at the output stage.
The EL7156 is available in both the 8-pin SO and the 8-pin
PDIP packages. The relevant package should be chosen
depending on the calculated power dissipation.
3-state Operation
When the OE pin is low, the output is 3-state (floating.) The
output voltage is the parasitic capacitance’s voltage. It can
be any voltage between VH and VL, depending on the
previous state. At 3-state, the output voltage can be pushed
to any voltage between VH and VL. The output voltage can’t
be pushed higher than VH or lower than VL since the body
diode at the output stage will turn on.
Supply Voltage Range and Input Compatibility
The EL7156 is designed for operation on supplies from 5V to
15V (4.5V to 18V maximum). The table on page 6 shows the
specifications for the relationship between the VS+, VS-, VH,
VL, and GND pins.
All input pins are compatible with both 3V and 5V CMOS
signals. With a positive supply (VS+) of 5V, the EL7156 is
also compatible with TTL inputs.
Power Supply Bypassing
When using the EL7156, it is very important to use adequate
power supply bypassing. The high switching currents
developed by the EL7156 necessitate the use of a bypass
capacitor between the supplies (VS+ & VS-) and GND pins.
It is recommended that a 2.2µF tantalum capacitor be used
in parallel with a 0.1µF low-inductance ceramic MLC
capacitor. These should be placed as close to the supply
pins as possible. It is also recommended that the VH and VL
pins have some level of bypassing, especially if the EL7156
is driving highly capacitive loads.
Power Dissipation Calculation
When switching at high speeds, or driving heavy loads, the
EL7156 drive capability is limited by the rise in die
temperature brought about by internal power dissipation. For
reliable operation die temperature must be kept below
TJMAX (125°C). It is necessary to calculate the power
dissipation for a given application prior to selecting the
package type.
Power dissipation may be calculated:
where:
VS is the total power supply to the EL7156 (from VS+ to
GND)
VOUT is the swing on the output (VH - VL)
CVS is the integral capacitance due to VS+
CINT is the integral load capacitance due to VH
IS is the quiescent supply current (3mA max)
f is frequency
Having obtained the application’s power dissipation, a
maximum package thermal coefficient may be determined,
to maintain the internal die temperature below TJMAX:
where:
TJMAX is the maximum junction temperature (125°C)
TMAX is the maximum operating temperature
PD is the power dissipation calculated above
θJA thermal resistance on junction to ambient
θJA is 160°C/W for the SO8 package and 100°C/W for the
PDIP8 package when using a standard JEDEC JESD51-3
single-layer test board. If TJMAX is greater than 125°C when
calculated using the equation above, then one of the
following actions must be taken:
Reduce
θJA the system by designing more heat-sinking
into the PCB (as compared to the standard JEDEC
JESD51-3)
Use the PDIP8 instead of the SO8 package
De-rate the application either by reducing the switching
frequency, the capacitive load, or the maximum operating
(ambient) temperature (TMAX)
TABLE 1. INTEGRAL CAPACITANCE
VS+=VH(V)
CVS(pF)
CINT(pF)
5
80
120
10
85
145
15
90
180
PD
V
S
(
I
S )
C
VS
(
V
S
2
f
)
C
INT
C
L
+
() V
OUT
2
f
×
×
[]
+
×
×
+
×
=
θ
JA
T
JMAX
T
MAX
–
PD
-----------------------------------------
=
EL7156



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com