Electronic Components Datasheet Search
  English  ▼

X  

ISL9012IRFDZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9012IRFDZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRFDZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9012IRFDZ Datasheet HTML 2Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 9Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN9220.0
September 27, 2005
FIGURE 8. VO1 DROPOUT VOLTAGE vs LOAD CURRENT
FIGURE 9. GROUND CURRENT vs INPUT VOLTAGE
FIGURE 10. GROUND CURRENT vs LOAD
FIGURE 11. GROUND CURRENT vs TEMPERATURE
FIGURE 12. POWER-UP/POWER-DOWN
FIGURE 13. POWER-UP/POWER-DOWN WITH POR SIGNALS
Typical Performance Curves (Continued)
100
125
150
175
75
50
25
0
25
50
75
100
125
150
175
200
0
OUTPUT LOAD (mA)
VO1 = 3.3V
85
°C
25
°C
-40
°C
30
35
40
45
55
25
4.0
5.0
6.5
INPUT VOLTAGE (V)
50
3.0
3.5
4.58
5.5
6.0
IO(BOTH CHANNELS) = 0µA
VO1 = 3.3V
VO2 = 2.8V
-40
°C
25
°C
125
°C
200
160
100
20
0
50
100
150
200
250
400
0
LOAD CURRENT (mA)
350
300
VO1 = 3.3V
VIN = 3.8V
VO2 = 2.8V
40
60
80
120
140
180
85
°C
-40
°C
25
°C
35
25
-10
20
50
110
-40
TEMPERATURE (
°C)
45
50
55
40
30
-25
5
35
80
65
95
125
VIN = 3.8V
VO = 3.3V
ILOAD = 0µA
BOTH OUTPUTS ON
2
3
4
5
1
0
12
34
5
6
7
10
TIME (s)
89
VO2
VO1
VIN
0
VO1 = 3.3V
VO2 = 2.8V
IL1 = 150mA
IL2 = 300mA
1.5
2.0
2.5
3.0
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5.0
0
TIME (s)
4.0
4.5
VO-1
POR
VO-2
0
3.5
VO1 = 3.3V
VO2 = 2.8V
IL1 = 150mA
IL2 = 300mA
CPOR = 0.1µF
ISL9012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com