Electronic Components Datasheet Search
  English  ▼

X  

ISL9012IRFDZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9012IRFDZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRFDZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9012IRFDZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 9Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 10Page - Intersil Corporation ISL9012IRFDZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN9220.0
September 27, 2005
FIGURE 14. TURN ON/TURN OFF RESPONSE
FIGURE 15. LINE TRANSIENT RESPONSE, 3.3V OUTPUT
FIGURE 16. LINE TRANSIENT RESPONSE, 2.8V OUTPUT
FIGURE 17. LOAD TRANSIENT RESPONSE
FIGURE 18. PSRR vs FREQUENCY
FIGURE 19. SPECTRAL NOISE DENSITY vs FREQUENCY
Typical Performance Curves (Continued)
1
3
0
2
0
100
200
300
400
500
600
700
800
0
TIME (µs)
5
VO1 = 3.3V
VIN = 5.0V
IL1 = 150mA
CL1, CL2 = 1µF
CBYP = 0.01µF
900 1000
VO2 (10mV/DIV)
IL2 = 300mA
VO2 = 2.8V
400
µs/DIV
VO = 3.3V
ILOAD = 150mA
3.6V
4.3V
10mV/DIV
CLOAD = 1µF
CBYP = 0.01µF
400
µs/DIV
VO = 2.8V
ILOAD = 300mA
3.5V
4.2V
10mV/DIV
CLOAD = 1µF
CBYP = 0.01µF
100
µs/DIV
VO (25mV/DIV)
ILOAD
300mA
100
µA
VIN = 2.8V
VO = 1.8V
0.1
1
10
100
1000
FREQUENCY (kHz)
0
10
20
30
40
50
60
70
80
90
100
VIN = 3.6V
VO = 1.8V
IO = 10mA
CBYP = 0.01µF
CLOAD = 1µF
1000
100
10
1
0.1
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
VIN = 3.6V
VO = 1.8V
ILOAD = 10mA
CBYP = 0.01µF
CIN = 1µF
CLOAD = 1µF
ISL9012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com