Electronic Components Datasheet Search
  English  ▼

X  

EP3C5 Datasheet(PDF) 25 Page - Altera Corporation

Part # EP3C5
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C5 Datasheet(HTML) 25 Page - Altera Corporation

Back Button EP3C5 Datasheet HTML 21Page - Altera Corporation EP3C5 Datasheet HTML 22Page - Altera Corporation EP3C5 Datasheet HTML 23Page - Altera Corporation EP3C5 Datasheet HTML 24Page - Altera Corporation EP3C5 Datasheet HTML 25Page - Altera Corporation EP3C5 Datasheet HTML 26Page - Altera Corporation EP3C5 Datasheet HTML 27Page - Altera Corporation EP3C5 Datasheet HTML 28Page - Altera Corporation EP3C5 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–25
Switching Characteristics
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
Table 1–34 lists the memory output clock jitter specifications for Cyclone III devices.
Duty Cycle Distortion Specifications
Table 1–35 lists the worst case duty cycle distortion for Cyclone III devices.
OCT Calibration Timing Specification
Table 1–36 lists the duration of calibration for series OCT with calibration at device
power-up for Cyclone III devices.
QDRII SRAM
1.8 V HSTL Class I
1092
515
1092
515
1192
615
1.8 V HSTL Class II
1250
662
1250
662
1350
762
Notes to Table 1–33:
(1) Column I/O banks refer to top and bottom I/Os. Row I/O banks refer to right and left I/Os. Wraparound mode refers to the combination of column
and row I/Os.
(2) For DDR2 SDRAM write timing performance on Columns I/O for C8 and A7 devices, 97.5 degree phase offset is required.
Table 1–33. Cyclone III Devices Transmitter Channel-to-Channel Skew (TCCS) – Write Side (Note 1)
(Part 2 of 2)
Memory
Standard
I/O Standard
Column I/Os (ps)
Row I/Os (ps)
Wraparound Mode (ps)
Lead
Lag
Lead
Lag
Lead
Lag
Table 1–34. Cyclone III Devices Memory Output Clock Jitter Specifications (Note 1), (2)
Parameter
Symbol
Min
Max
Unit
Clock period jitter
t
JIT(per)
-125
125
ps
Cycle-to-cycle period jitter
t
JIT(cc)
-200
200
ps
Duty cycle jitter
t
JIT(duty)
-150
150
ps
Notes to Table 1–34:
(1) The memory output clock jitter measurements are for 200 consecutive clock cycles, as specified in the JEDEC DDR2 standard.
(2) The clock jitter specification applies to memory output clock pins generated using DDIO circuits clocked by a PLL output routed on a global
clock network.
Table 1–35. Duty Cycle Distortion on Cyclone III Devices I/O Pins
(Note 1), (2)
Symbol
C6
C7, I7
C8, A7
Unit
Min
Max
Min
Max
Min
Max
Output Duty Cycle
45
55
45
55
45
55
%
Notes to Table 1–35:
(1) Duty cycle distortion specification applies to clock outputs from PLLs, global clock tree, and IOE driving dedicated
and general purpose I/O pins.
(2) Cyclone III devices meet specified duty cycle distortion at maximum output toggle rate for each combination of
I/O standard and current strength.
Table 1–36. Cyclone III Devices Timing Specification for Series OCT with Calibration at Device
Power-Up (Note 1)
Symbol
Description
Maximum
Unit
t
OCTC AL
Duration of series OCT with
calibration at device power-up
20
µs
Notes to Table 1–36:
(1) OCT calibration takes place after device configuration, before entering user mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com