Electronic Components Datasheet Search
  English  ▼

X  

LM3445 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3445
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM3445 Datasheet HTML 15Page - National Semiconductor (TI) LM3445 Datasheet HTML 16Page - National Semiconductor (TI) LM3445 Datasheet HTML 17Page - National Semiconductor (TI) LM3445 Datasheet HTML 18Page - National Semiconductor (TI) LM3445 Datasheet HTML 19Page - National Semiconductor (TI) LM3445 Datasheet HTML 20Page - National Semiconductor (TI) LM3445 Datasheet HTML 21Page - National Semiconductor (TI) LM3445 Datasheet HTML 22Page - National Semiconductor (TI) LM3445 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
SETTING THE LED CURRENT
The LM3445 constant off-time control loop regulates the peak
inductor current (I
L2). The average inductor current equals the
average LED current (I
AVE). Therefore the average LED cur-
rent is regulated by regulating the peak inductor current.
30060325
FIGURE 18. Inductor Current Waveform in CCM
Knowing the desired average LED current, I
AVE and the nom-
inal inductor current ripple,
Δi
L, the peak current for an appli-
cation running in continuous conduction mode (CCM) is
defined as follows:
Or, the maximum, or "undimmed", LED current would then be,
This is important to calculate because this peak current mul-
tiplied by the sense resistor R3 will determine when the
internal comparator is tripped. The internal comparator turns
the control MOSFET off once the peak sensed voltage reach-
es 750 mV.
Current Limit: Under normal circumstances, the trip voltage
on the PWM comparator would be less than or equal to 750
mV, depending on the amount of dimming. However, if there
is a short circuit or an excessive load on the output, higher
than normal switch currents will cause a voltage above 1.27V
on the ISNS pin which will trip the I-LIM comparator. The I-
LIM comparator will reset the RS latch, turning off Q2. It will
also inhibit the Start Pulse Generator and the COFF com-
parator by holding the COFF pin low. A delay circuit will
prevent the start of another cycle for 180 µs.
VALLEY FILL CAPACITORS
Determining voltage rating and capacitance value of the val-
ley-fill capacitors:
The maximum voltage seen by the valley-fill capacitors is:
This is, of course, if the capacitors chosen have identical ca-
pacitance values and split the line voltage equally. Often a
20% difference in capacitance could be observed between
like capacitors. Therefore a voltage rating margin of 25% to
50% should be considered.
19
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com