Electronic Components Datasheet Search
  English  ▼

X  

LM3445 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3445
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3445 Datasheet HTML 6Page - National Semiconductor (TI) LM3445 Datasheet HTML 7Page - National Semiconductor (TI) LM3445 Datasheet HTML 8Page - National Semiconductor (TI) LM3445 Datasheet HTML 9Page - National Semiconductor (TI) LM3445 Datasheet HTML 10Page - National Semiconductor (TI) LM3445 Datasheet HTML 11Page - National Semiconductor (TI) LM3445 Datasheet HTML 12Page - National Semiconductor (TI) LM3445 Datasheet HTML 13Page - National Semiconductor (TI) LM3445 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SENSING THE RECTIFIED TRIAC WAVEFORM
A bridge rectifier, BR1, converts the line (mains) voltage (5c)
into a series of half-sines as shown in 5b. Figure 5a shows a
typical voltage waveform after diode D3 (valley fill circuit, or
V
BUCK).
30060315
FIGURE 5. Voltage Waveforms After Bridge Rectifier
Without Triac Dimming
Figure 6c and 6b show typical triac dimmed voltage wave-
forms before and after the bridge rectifier. Figure 6a shows a
typical triac dimmed voltage waveform after diode D3 (valley
fill circuit, or V
BUCK).
30060316
FIGURE 6. Voltage Waveforms After Bridge Rectifier With
Triac Dimming
LM3445 LINE SENSING CIRCUITRY
An external series pass regulator (R2, D1, and Q1) translates
the rectified line voltage to a level where it can be sensed by
the BLDR pin on the LM3445.
30060317
FIGURE 7. LM3445 AC Line Sense Circuitry
D1 is typically a 15V zener diode which forces transistor Q1
to “stand-off” most of the rectified line voltage. Having no ca-
pacitance on the source of Q1 allows the voltage on the BLDR
pin to rise and fall with the rectified line voltage as the line
voltage drops below zener voltage D1 (see the section on
Angle Detect).
A diode-capacitor network (D2, C5) is used to maintain the
voltage on the VCC pin while the voltage on the BLDR pin
goes low. This provides the supply voltage to operate the
LM3445.
Resistor R5 is used to bleed charge out of any stray capaci-
tance on the BLDR node and may be used to provide the
necessary holding current for the dimmer when operating at
light output currents.
TRIAC HOLDING CURRENT RESISTOR
In order to emulate an incandescent light bulb (essentially a
resistor) with any LED driver, the existing triac will require a
small amount of holding current throughout the AC line cycle.
An external resistor (R5) needs to be placed on the source of
Q1 to GND to perform this function. Most existing triac dim-
mers only require a few milliamps of current to hold them on.
A few “less expensive” triacs sold on the market will require
a bit more current. The value of resistor R5 will depend on:
•
What type of triac the LM3445 will be used with
•
How many light fixtures are running off of the triac
With a single LM3445 circuit on a common triac dimmer, a
holding current resistor between 3 k
Ω and 5 kΩ will be re-
quired. As the number of LM3445 circuits is added to a single
dimmer, the holding resistor R5’s resistance can be in-
creased. A few triac dimmers will require a resistor as low as
1 k
Ω or lower for a single LM3445 circuit. The trade-off will be
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com