Electronic Components Datasheet Search
  English  ▼

X  

EP3C80 Datasheet(PDF) 30 Page - Altera Corporation

Part # EP3C80
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EP3C80 Datasheet HTML 26Page - Altera Corporation EP3C80 Datasheet HTML 27Page - Altera Corporation EP3C80 Datasheet HTML 28Page - Altera Corporation EP3C80 Datasheet HTML 29Page - Altera Corporation EP3C80 Datasheet HTML 30Page - Altera Corporation EP3C80 Datasheet HTML 31Page - Altera Corporation EP3C80 Datasheet HTML 32Page - Altera Corporation EP3C80 Datasheet HTML 33Page - Altera Corporation EP3C80 Datasheet HTML 34Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
1–30
Chapter 1: Cyclone III Device Data Sheet
Glossary
Cyclone III Device Handbook, Volume 2
© January 2010
Altera Corporation
T
t
C
High-speed receiver/transmitter input and output clock period.
TCCS (Channel-
to-channel-skew)
HIGH-SPEED I/O Block: The timing difference between the fastest and slowest output edges,
including t
CO variation and clock skew. The clock is included in the TCCS measurement.
tcin
Delay from clock pad to I/O input register.
t
CO
Delay from clock pad to I/O output.
tcout
Delay from clock pad to I/O output register.
t
DUTY
HIGH-SPEED I/O Block: Duty cycle on high-speed transmitter output clock.
t
FA LL
Signal High-to-low transition time (80–20%).
t
H
Input register hold time.
Timing Unit
Interval (TUI)
HIGH-SPEED I/O block: The timing budget allowed for skew, propagation delays, and data
sampling window. (TUI = 1/(Receiver Input Clock Frequency Multiplication Factor) = t
C /w).
t
INJITTER
Period jitter on PLL clock input.
t
OUTJITTER_DEDC LK
Period jitter on dedicated clock output driven by a PLL.
t
OUTJITTER_IO
Period jitter on general purpose I/O driven by a PLL.
tpllcin
Delay from PLL inclk pad to I/O input register.
tpllcout
Delay from PLL inclk pad to I/O output register.
Transmitter
Output Waveform
Transmitter Output Waveforms for the LVDS, mini-LVDS, PPDS and RSDS Differential I/O
Standards
t
RISE
Signal Low-to-high transition time (20–80%).
t
SU
Input register setup time.
U
——
Table 1–39. Glossary (Part 4 of 5)
Letter
Term
Definitions
Single-Ended Waveform
Differential Waveform (Mathematical Function of Positive & Negative Channel)
Positive Channel (p) = V
OH
Negative Channel (n) = V
OL
Ground
VOD
V
OD
V
OD
0 V
Vos
p
- n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com