Electronic Components Datasheet Search
  English  ▼

X  

EP3C80 Datasheet(PDF) 31 Page - Altera Corporation

Part # EP3C80
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80 Datasheet(HTML) 31 Page - Altera Corporation

Back Button EP3C80 Datasheet HTML 26Page - Altera Corporation EP3C80 Datasheet HTML 27Page - Altera Corporation EP3C80 Datasheet HTML 28Page - Altera Corporation EP3C80 Datasheet HTML 29Page - Altera Corporation EP3C80 Datasheet HTML 30Page - Altera Corporation EP3C80 Datasheet HTML 31Page - Altera Corporation EP3C80 Datasheet HTML 32Page - Altera Corporation EP3C80 Datasheet HTML 33Page - Altera Corporation EP3C80 Datasheet HTML 34Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–31
Glossary
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
V
V
CM(DC)
DC Common Mode Input Voltage.
V
DIF( AC )
AC differential Input Voltage: The minimum AC input differential voltage required for switching.
V
DIF( DC)
DC differential Input Voltage: The minimum DC input differential voltage required for switching.
V
IC M
Input Common Mode Voltage: The common mode of the differential signal at the receiver.
V
ID
Input differential Voltage Swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the receiver.
V
IH
Voltage Input High: The minimum positive voltage applied to the input which is accepted by the
device as a logic high.
V
IH(A C)
High-level AC input voltage.
V
IH(DC )
High-level DC input voltage.
V
IL
Voltage Input Low: The maximum positive voltage applied to the input which is accepted by the
device as a logic low.
V
IL ( AC )
Low-level AC input voltage.
V
IL ( DC)
Low-level DC input voltage.
V
IN
DC input voltage.
V
OC M
Output Common Mode Voltage: The common mode of the differential signal at the transmitter.
V
OD
Output differential Voltage Swing: The difference in voltage between the positive and
complementary conductors of a differential transmission at the transmitter. V
OD = VOH – VOL.
V
OH
Voltage Output High: The maximum positive voltage from an output which the device considers is
accepted as the minimum positive high level.
V
OL
Voltage Output Low: The maximum positive voltage from an output which the device considers is
accepted as the maximum positive low level.
V
OS
Output offset voltage: V
OS = (VOH + VOL) / 2.
V
OX ( AC)
AC differential Output cross point voltage: The voltage at which the differential output signals must
cross.
V
REF
Reference voltage for SSTL, HSTL I/O Standards.
V
REF (A C)
AC input reference voltage for SSTL, HSTL I/O Standards. V
REF (AC ) = VREF (DC) + noise. The
peak-to-peak AC noise on V
REF should not exceed 2% of VREF (DC).
V
REF (DC )
DC input reference voltage for SSTL, HSTL I/O Standards.
V
S WING (A C)
AC differential Input Voltage: AC Input differential voltage required for switching. For the SSTL
Differential I/O Standard, refer to Input Waveforms.
V
SWING (DC)
DC differential Input Voltage: DC Input differential voltage required for switching. For the SSTL
Differential I/O Standard, refer to Input Waveforms.
V
TT
Termination voltage for SSTL, HSTL I/O Standards.
V
X ( AC)
AC differential Input cross point Voltage: The voltage at which the differential input signals must
cross.
W
——
X
——
Y
——
Z
——
Table 1–39. Glossary (Part 5 of 5)
Letter
Term
Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com