Electronic Components Datasheet Search
  English  ▼

X  

LM3445M Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445M Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM3445M Datasheet HTML 16Page - National Semiconductor (TI) LM3445M Datasheet HTML 17Page - National Semiconductor (TI) LM3445M Datasheet HTML 18Page - National Semiconductor (TI) LM3445M Datasheet HTML 19Page - National Semiconductor (TI) LM3445M Datasheet HTML 20Page - National Semiconductor (TI) LM3445M Datasheet HTML 21Page - National Semiconductor (TI) LM3445M Datasheet HTML 22Page - National Semiconductor (TI) LM3445M Datasheet HTML 23Page - National Semiconductor (TI) LM3445M Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Determining the capacitance value of the valley-fill ca-
pacitors:
The valley fill capacitors should be sized to supply energy to
the buck converter (V
BUCK) when the input line is less than its
peak divided by the number of stages used in the valley fill
(t
X). The capacitance value should be calculated when the
triac is not firing, i.e. when full LED current is being drawn by
the LED string. The maximum power is delivered to the LED
string at this time, and therefore the most capacitance will be
needed.
30060352
FIGURE 19. Two Stage Valley-Ffill V
BUCK Voltage with no
TRIAC Dimming
From the above illustration and the equation for current in a
capacitor, i = C x dV/dt, the amount of capacitance needed at
V
BUCK will be calculated as follows:
At 60Hz, and a valley-fill circuit of two stages, the hold up time
(t
X) required at VBUCK is calculated as follows. The total angle
of an AC half cycle is 180° and the total time of a half AC line
cycle is 8.33 ms. When the angle of the AC waveform is at
30° and 150°, the voltage of the AC line is exactly ½ of its
peak. With a two stage valley-fill circuit, this is the point where
the LED string switches from power being derived from AC
line to power being derived from the hold up capacitors (C7
and C9). 60° out of 180° of the cycle or 1/3 of the cycle the
power is derived from the hold up capacitors (1/3 x 8.33 ms
= 2.78 ms). This is equal to the hold up time (dt) from the
above equation, and dv is the amount of voltage the circuit is
allowed to droop. From the next section (“Determining Maxi-
mum Number of Series Connected LEDs Allowed”) we know
the minimum V
BUCK voltage will be about 45V for a 90VAC to
135V
AC line. At 90VAC low line operating condition input, ½ of
the peak voltage is 64V. Therefore with some margin the volt-
age at V
BUCK can not droop more than about 15V (dv). (i) is
equal to (P
OUT/VBUCK), where POUT is equal to (VLED x ILED).
Total capacitance (C7 in parallel with C9) can now be calcu-
lated. See “ Design Example" section for further calculations
of the valley-fill capacitors.
Determining Maximum Number of Series Connected
LEDs Allowed:
The LM3445 is an off-line buck topology LED driver. A buck
converter topology requires that the input voltage (V
BUCK) of
the output circuit must be greater than the voltage of the LED
stack (V
LED) for proper regulation. One must determine what
the minimum voltage observed by the buck converter will be
before the maximum number of LEDs allowed can be deter-
mined. Two variables will have to be determined in order to
accomplish this.
1.
AC line operating voltage. This is usually 90V
AC to
135V
AC for North America. Although the LM3445 can
operate at much lower and higher input voltages a range
is needed to illustrate the design process.
2.
How many stages are implemented in the valley-fill circuit
(1, 2 or 3).
In this example the most common valley-fill circuit will be used
(two stages).
30060354
FIGURE 20. AC Line with Firing Angles
Figure 21 show three triac dimmed waveforms. One can eas-
ily see that the peak voltage (V
PEAK) from 0° to 90° will always
be:
Once the triac is firing at an angle greater than 90° the peak
voltage will lower and equal to:
The voltage at V
BUCK with a valley fill stage of two will look
similar to the waveforms of figure 22.
The purpose of the valley fill circuit is to allow the buck con-
verter to pull power directly off of the AC line when the line
voltage is greater than its peak voltage divided by two (two
stage valley fill circuit). During this time, the capacitors within
the valley fill circuit (C7 and C8) are charged up to the peak
of the AC line voltage. Once the line drops below its peak
divided by two, the two capacitors are placed in parallel and
deliver power to the buck converter. One can now see that if
the peak of the AC line voltage is lowered due to variations in
the line voltage, or if the triac is firing at an angle above 90°,
the DC offset (V
DC) will lower. VDC is the lowest value that
voltage V
BUCK will encounter.
Example:
Line voltage = 90V
AC to 135VAC
Valley-Fill = two stage
Depending on what type and value of capacitors are used,
some derating should be used for voltage droop when the
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com