Electronic Components Datasheet Search
  English  ▼

X  

LM3445M Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445M Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM3445M Datasheet HTML 18Page - National Semiconductor (TI) LM3445M Datasheet HTML 19Page - National Semiconductor (TI) LM3445M Datasheet HTML 20Page - National Semiconductor (TI) LM3445M Datasheet HTML 21Page - National Semiconductor (TI) LM3445M Datasheet HTML 22Page - National Semiconductor (TI) LM3445M Datasheet HTML 23Page - National Semiconductor (TI) LM3445M Datasheet HTML 24Page - National Semiconductor (TI) LM3445M Datasheet HTML 25Page - National Semiconductor (TI) LM3445M Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Design Example
The following design example illustrates the process of cal-
culating external component values.
Known:
1.
Input voltage range (90V
AC – 135VAC)
2.
Number of LEDs in series = 7
3.
Forward voltage drop of a single LED = 3.6V
4.
LED stack voltage = (7 x 3.6V) = 25.2V
Choose:
1.
Nominal switching frequency, f
SW-TARGET = 250 kHz
2.
I
LED(AVE) = 400 mA
3.
Δi (usually 15% - 30% of
ILED(AVE)) = (0.30 x 400 mA) =
120 mA
4.
Valley fill stages (1,2, or 3) = 2
5.
Assumed minimum efficiency = 80%
Calculate:
1.
Calculate minimum voltage V
BUCK equals:
2.
Calculate maximum voltage V
BUCK equals:
3.
Calculate t
OFF at VBUCK nominal line voltage:
4.
Calculate t
ON(MIN) at high line to ensure that
t
ON(MIN) > 200 ns:
5.
Calculate C11 and R4:
6.
Choose current through R4: (between 50 µA and 100 µA)
70 µA
7.
Use a standard value of 365 k
Ω
8.
Calculate C11:
9.
10. Use standard value of 120 pF
11. Calculate ripple current: 400 mA X 0.30 = 120 mA
12. Calculate inductor value at t
OFF = 3 µs:
13. Choose C10: 1.0 µF 200V
14. Calculate valley-fill capacitor values: V
AC low line =
90V
AC, VBUCK minimum equals 60V (no triac dimming at
maximum LED current). Set droop for 20V maximum at
full load and low line.
i) equals P
OUT/VBUCK (270 mA), dV equals 20V, dt equals
2.77 ms, and then C
TOTAL equals 37 µF. Therefore C7 =
C9 = 22 µF
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com