Electronic Components Datasheet Search
  English  ▼

X  

B32932 Datasheet(PDF) 4 Page - EPCOS

Part # B32932
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32932 Datasheet(HTML) 4 Page - EPCOS

  B32932 Datasheet HTML 1Page - EPCOS B32932 Datasheet HTML 2Page - EPCOS B32932 Datasheet HTML 3Page - EPCOS B32932 Datasheet HTML 4Page - EPCOS B32932 Datasheet HTML 5Page - EPCOS B32932 Datasheet HTML 6Page - EPCOS B32932 Datasheet HTML 7Page - EPCOS B32932 Datasheet HTML 8Page - EPCOS B32932 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Ordering codes and packing units
Lead
spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
X2
safety
appr.
X = approval granted
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
15
0.047
5.0
× 10.5 × 18.0 B32932A3473+*** 4680
5200
4000
X
0.068
5.0
× 10.5 × 18.0 B32932A3683+*** 4680
5200
4000
X
0.10
6.0
× 11.0 × 18.0 B32932A3104+*** 3840
4400
4000
X
0.15
7.0
× 12.5 × 18.0 B32932A3154+*** 3320
3600
4000
X
0.22
8.5
× 14.5 × 18.0 B32932A3224+*** 2720
2800
2000
X
0.33
9.0
× 17.5 × 18.0 B32932A3334+*** 2560
2800
2000
X
0.47
11.0
× 18.5 × 18.0 B32932A3474M*** –
2200
1000
X
22.5
0.10
6.0
× 15.0 × 26.5 B32933A3104+*** 2720
2800
2880
X
0.15
6.0
× 15.0 × 26.5 B32933A3154+*** 2720
2800
2880
X
0.22
7.0
× 16.0 × 26.5 B32933A3224+*** 2320
2400
2520
X
0.33
7.0
× 16.0 × 26.5 B32933A3334+*** 2320
2400
2520
X
0.47
8.5
× 16.5 × 26.5 B32933A3474+*** 1920
2000
2040
X
0.56
10.5
× 16.5 × 26.5 B32933A3564+*** 1560
1600
2160
X
0.68
10.5
× 18.5 × 26.5 B32933A3684+*** 1560
1600
2160
X
0.82
12.0
× 22.0 × 26.5 B32933A3824+*** –
–
1800
X
1.0
12.0
× 22.0 × 26.5 B32933A3105+*** –
–
1800
X
1.5
14.5
× 29.5 × 26.5 B32933A3155+*** –
–
1040
X
27.5
0.47
11.0
× 19.0 × 31.5 B32934A3474+*** –
1400
1280
X
0.56
11.0
× 19.0 × 31.5 B32934A3564+*** –
1400
1280
X
0.68
11.0
× 19.0 × 31.5 B32934A3684+*** –
1400
1280
X
0.82
11.0
× 19.0 × 31.5 B32934A3824+*** –
1400
1280
X
1.0
11.0
× 19.0 × 31.5 B32934A3105+*** –
1400
1280
X
1.5
12.5
× 21.5 × 31.5 B32934A3155M*** –
1200
1120
X
1.5
13.5
× 23.0 × 31.5 B32934B3155+*** –
1000
1040
X
2.2
15.0
× 24.5 × 31.5 B32934A3225M*** –
–
960
X
2.2
18.0
× 27.5 × 31.5 B32934B3225+*** –
–
800
X
3.3
19.0
× 30.0 × 31.5 B32934A3335+*** –
–
720
4.7
22.0
× 36.5 × 31.5 B32934A3475+*** –
–
640
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 4 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com