Electronic Components Datasheet Search
  English  ▼

X  

B32932 Datasheet(PDF) 5 Page - EPCOS

Part # B32932
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32932 Datasheet(HTML) 5 Page - EPCOS

  B32932 Datasheet HTML 1Page - EPCOS B32932 Datasheet HTML 2Page - EPCOS B32932 Datasheet HTML 3Page - EPCOS B32932 Datasheet HTML 4Page - EPCOS B32932 Datasheet HTML 5Page - EPCOS B32932 Datasheet HTML 6Page - EPCOS B32932 Datasheet HTML 7Page - EPCOS B32932 Datasheet HTML 8Page - EPCOS B32932 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Ordering codes and packing units
Lead
spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
X2
safety
appr.
X = approval granted
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
37.5
1.0
12.0
× 22.0 × 41.5 B32936A3105+*** –
–
1620
X
1.5
12.0
× 22.0 × 41.5 B32936A3155+*** –
–
1620
X
2.2
14.0
× 25.0 × 41.5 B32936A3225+*** –
–
1380
X
3.3
16.0
× 28.5 × 41.5 B32936A3335+*** –
–
800
4.7
18.0
× 32.5 × 41.5 B32936A3475+*** –
–
720
6.8
28.0
× 42.5 × 41.5 B32936A3685+*** –
–
440
10.0
28.0
× 42.5 × 41.5 B32936A3106+*** –
–
440
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 5 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com