Electronic Components Datasheet Search
  English  ▼

X  

LM3218 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3218
Description  650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3218 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3218 Datasheet HTML 2Page - National Semiconductor (TI) LM3218 Datasheet HTML 3Page - National Semiconductor (TI) LM3218 Datasheet HTML 4Page - National Semiconductor (TI) LM3218 Datasheet HTML 5Page - National Semiconductor (TI) LM3218 Datasheet HTML 6Page - National Semiconductor (TI) LM3218 Datasheet HTML 7Page - National Semiconductor (TI) LM3218 Datasheet HTML 8Page - National Semiconductor (TI) LM3218 Datasheet HTML 9Page - National Semiconductor (TI) LM3218 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical Performance Characteristics (Circuit in Figure 3, PV
IN = VDD = EN = 3.6V and TA = 25°C unless
otherwise specified.).
Quiescent Current vs Supply Voltage
(V
CON = 0V, FB = 0V, No Switching)
30050428
Shutdown Current vs Temperature
(V
CON = 0V, EN = 0V)
30050426
Switching Frequency vs Temperature
(V
OUT = 1.3V, IOUT = 200 mA)
30050410
Output Voltage vs Supply Voltage
(V
OUT = 1.3V)
30050411
Output Voltage vs Temperature
(V
IN = 3.6V, VOUT = 0.8V)
30050447
Output Voltage vs Temperature
(V
IN = 4.2V, VOUT = 3.4V)
30050427
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com