Electronic Components Datasheet Search
  English  ▼

X  

LM3218 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3218
Description  650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3218 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3218 Datasheet HTML 7Page - National Semiconductor (TI) LM3218 Datasheet HTML 8Page - National Semiconductor (TI) LM3218 Datasheet HTML 9Page - National Semiconductor (TI) LM3218 Datasheet HTML 10Page - National Semiconductor (TI) LM3218 Datasheet HTML 11Page - National Semiconductor (TI) LM3218 Datasheet HTML 12Page - National Semiconductor (TI) LM3218 Datasheet HTML 13Page - National Semiconductor (TI) LM3218 Datasheet HTML 14Page - National Semiconductor (TI) LM3218 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Block Diagram
30050404
FIGURE 2. Functional Block Diagram
Operation Description
The LM3218 is a simple, step-down DC-DC converter with a
2.6 µH series inductor substrate optimized for powering RF
power amplifiers (PAs) in mobile phones, portable communi-
cators, and similar battery powered RF devices. It is designed
to allow the RF PA to operate at maximum efficiency over a
wide range of power levels from a single Li-Ion battery cell. It
is based on current mode buck architecture, with syn-
chronous rectification for high efficiency. It is designed for a
maximum load capability of 650 mA when V
OUT > 1.05V (typ.)
and 400 mA when V
OUT < 1.00V (typ.) in PWM mode.
Maximum load range may vary from this depending on input
voltage, output voltage and the inductor chosen.
Efficiency is typically around 95% for a 400 mA load with 3.4V
output, 3.9V input. The LM3218 has an R
DSON management
scheme to increase efficiency when V
OUT ≤ 1V. The output
voltage is dynamically programmable from 0.8V to 3.6V by
adjusting the voltage on the control pin without the need for
external feedback resistors. This prolongs battery life by
changing the PA supply voltage dynamically depending on its
transmitting power.
Additional features include current overload protection and
thermal overload shutdown.
The LM3218 is constructed using a chip-scale 8-pin micro
SMD package and a LTCC inductor substrate. This package
offers the smallest possible integrated solution footprint for
space-critical applications such as cell phones, where board
area is an important design consideration. Use of a high
switching frequency (2 MHz) reduces the size of external
components. As shown in Figure 1, only two external capac-
itors are required for implementation. Use of this module
requires special design considerations for implementation.
(See LTCC Module Package Assembly and Use in the Appli-
cations Information section). The board mounting requires
careful board design and precision assembly equipment. Use
of this package is best suited for opaque-case applications,
where its edges are not subject to high-intensity ambient red
or infrared light. Also, the system controller should set EN low
during power-up and other low supply voltage conditions.
(See Shutdown Mode in the Device Information section.)
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com