Electronic Components Datasheet Search
  English  ▼

X  

LM4951ASD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4951ASD
Description  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951ASD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4951ASD Datasheet HTML 1Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 2Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 3Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 4Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 5Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 6Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 7Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 8Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TABLE 1. Pin Name and Function
Pin Number
Name
Function
Type
1
Bypass
½ supply reference voltage bypass output. See sections POWER
SUPPLY BYPASSING and SELECTING EXTERNAL COMPONENTS for
more information.
Analog Output
2
Shutdown
Shutdown control active low signal. A logic low voltage will put the
LM4951A into Shutdown mode.
Digital Input
3
C
CHG
Input capacitor charge to decrease turn on time. See section Selecting A
Value for R
C for more information.
Analog Output
4
NC
No connection to die. Pin can be connected to any potential.
No Connect
5
V
IN
Single-ended signal input pin.
Analog Input
6
V
O-
Inverting output of amplifier.
Analog Output
7
GND
Ground connection.
Ground
8
NC
No connection to die. Pin can be connected to any potential.
No Connect
9
V
DD
Power supply.
Power
10
V
O+
Non-Inverting output of amplifier.
Analog Output
Exposed DAP
NC
No connect. Pin must be electrically isolated (floating) or connected to
GND.
No Connect
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com