Electronic Components Datasheet Search
  English  ▼

X  

LM4951ASD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4951ASD
Description  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951ASD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4951ASD Datasheet HTML 2Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 3Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 4Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 5Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 6Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 7Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 8Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 9Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Symbol
Parameter
Conditions
LM4951A
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
P
O
Output Power
THD = 1% (max); f = 1kHz
R
L = 8Ω Mono BTL
280
230
mW (min)
THD+N
Total Harmonic Distortion + Noise
P
O = 100mWRMS = 1kHz
A
V-BTL = 6dB
0.07
0.5
% (max)
P
O = 100mWRMS; f = 1kHz
A
V-BTL = 26dB
0.35
%
ε
OS
Output Noise
A-Weighted Filter, R
i = Rf = 20kΩ
Input Referred, (Note 9)
10
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 217Hz,
C
B = 1μF, Input Referred
71
61
dB (min)
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of device reliability
and/or performance. Functional operation of the device and/or non-degradation at the s or other conditions beyond those indicated in the Recommended Operating
Conditions is not implied. The Recommended Operating Conditionsindicate conditions at which the device is functional and the device should not be operated
beyond such conditions. All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not guaranteed.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by T
JMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is P
DMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4951A typical application
(shown in Figure 1) with V
DD = 7.5V, RL = 8Ω mono-BTL operation the max power dissipation is 1.42W. θJA = 73ºC/W.
Note 4: Human body model, applicable std. JESD22-A114C.
Note 5: Machine model, applicable std. JESD22-A115-A.
Note 6: Typical values represent most likely parametric norms at T
A = +25ºC, and at the Recommended Operation Conditions at the time of product
characterization and are not guaranteed.
Note 7: Datasheet min/max specification limits are guaranteed by test or statistical analysis.
Note 8: Shutdown current is measured in a normal room environment. The Shutdown pin should be driven as close as possible to GND for minimum shutdown
current.
Note 9: Noise measurements are dependent on the absolute values of the closed loop gain setting resistors (input and feedback resistors).
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com