Electronic Components Datasheet Search
  English  ▼

X  

LM5041A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5041A
Description  Cascaded PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5041A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5041A Datasheet HTML 1Page - National Semiconductor (TI) LM5041A Datasheet HTML 2Page - National Semiconductor (TI) LM5041A Datasheet HTML 3Page - National Semiconductor (TI) LM5041A Datasheet HTML 4Page - National Semiconductor (TI) LM5041A Datasheet HTML 5Page - National Semiconductor (TI) LM5041A Datasheet HTML 6Page - National Semiconductor (TI) LM5041A Datasheet HTML 7Page - National Semiconductor (TI) LM5041A Datasheet HTML 8Page - National Semiconductor (TI) LM5041A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagram
20137802
16-Lead TSSOP, LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM5041AMTC
TSSOP-16
MTC-16
92 Units per anti-static tube
LM5041AMTCX
TSSOP-16
MTC-16
2500 Units on Tape and Reel
LM5041ASD
LLP-16
SDA-16A
1000 Units on Tape and Reel
LM5041ASDX
LLP-16
SDA-16A
4500 Units on Tape and Reel
Pin Description
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1V
IN
Source Input Voltage
Input to start-up regulator. Input range 15V to 100V.
2
FB
Feedback Signal
Inverting input for the internal error amplifier. The
non-inverting input is connected to a 0.75V
reference.
3
COMP
Output of the Internal Error Amplifier
There is an internal 5k
Ω resistor pull-up on this pin.
The error amplifier provides an active sink.
4
REF
Precision 5 volt reference output
Maximum output current: 10mA. Locally decouple
with a 0.1µF capacitor. Reference stays low until the
line UV and the V
CC UV are satisfied.
5
HD
Main Buck PWM control output
Buck switch PWM control output. The maximum duty
cycle clamp for this output corresponds to an off time
of typically 240ns per cycle. The LM5101 or LM5102
Buck stage gate driver can be used to level shift and
drive the Buck switch.
6
LD
Sync Switch control output
Sync Switch control output. Inversion of HD output.
The LM5101 or LM5102 lower drive can be used to
drive the synchronous rectifier switch.
7V
CC
Output from the internal high voltage start-up
regulator. Regulated to 9 volts.
If an auxiliary winding raises the voltage on this pin
above the regulation setpoint, the internal start-up
regulator will shutdown, reducing the IC power
dissipation.
8
PUSH
Output of the push-pull drivers
Output of the push-pull gate driver. Output capability
of 1.5A peak .
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com