Electronic Components Datasheet Search
  English  ▼

X  

LM5041A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5041A
Description  Cascaded PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5041A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5041A Datasheet HTML 1Page - National Semiconductor (TI) LM5041A Datasheet HTML 2Page - National Semiconductor (TI) LM5041A Datasheet HTML 3Page - National Semiconductor (TI) LM5041A Datasheet HTML 4Page - National Semiconductor (TI) LM5041A Datasheet HTML 5Page - National Semiconductor (TI) LM5041A Datasheet HTML 6Page - National Semiconductor (TI) LM5041A Datasheet HTML 7Page - National Semiconductor (TI) LM5041A Datasheet HTML 8Page - National Semiconductor (TI) LM5041A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Description (Continued)
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
9
PULL
Output of the push-pull drivers
Output of the push-pull gate driver. Output capability
of 1.5A peak.
10
PGND
Power ground
Connect directly to analog ground.
11
AGND
Analog ground
Connect directly to power ground.
12
CS
Current sense input
Current sense input to the PWM comparator (CM
control). There is a 50ns leading edge blanking on
this pin. Using separate dedicated comparator, if CS
exceeds 0.5V the outputs will go into cycle by cycle
current limit.
13
SS
Soft-start control
An external capacitor and an internal 10uA current
source, set the soft-start ramp.
14
TIME
Push-Pull overlap and dead time control
An external resistor (R
SET) sets the overlap time or
dead time for the push-pull outputs. A resistor
connected between TIME and GND produces
overlap. A resistor connected between TIME and
REF produces dead time.
15
RT / SYNC
Oscillator timing resistor pin and sync
An external resistor sets the oscillator frequency.
This pin will also accept an external oscillator.
16
UVLO
Line Under-Voltage Shutdown
An external divider from the power converter source
sets the shutdown levels. Threshold of operation
equals 2.5V. Hysteresis is set by a switched internal
current source (20µA).
LLP
DAP
SUB
Die substrate
The exposed die attach pad on the LLP package
should be connected to a PCB thermal pad at
ground potential. For additional information on using
National Semiconductor’s No Pull Back LLP
package, please refer to LLP Application Note
AN-1187.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com