Electronic Components Datasheet Search
  English  ▼

X  

LM7341 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7341
Description  짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7341 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM7341 Datasheet HTML 11Page - National Semiconductor (TI) LM7341 Datasheet HTML 12Page - National Semiconductor (TI) LM7341 Datasheet HTML 13Page - National Semiconductor (TI) LM7341 Datasheet HTML 14Page - National Semiconductor (TI) LM7341 Datasheet HTML 15Page - National Semiconductor (TI) LM7341 Datasheet HTML 16Page - National Semiconductor (TI) LM7341 Datasheet HTML 17Page - National Semiconductor (TI) LM7341 Datasheet HTML 18Page - National Semiconductor (TI) LM7341 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Typical Applications
HANDHELD REMOTE CONTROLS
The LM7341 offers outstanding specifications for applications
requiring good speed/power trade-off. In applications such as
remote control operation, where high bandwidth and low pow-
er consumption are needed. The LM7341 performance can
easily meet these requirements.
OPTICAL LINE ISOLATION FOR MODEMS
The combination of the low distortion and good load driving
capabilities of the LM7341 make it an excellent choice for
driving opto-coupler circuits to achieve line isolation for
modems. This technique prevents telephone line noise from
coupling onto the modem signal. Superior isolation is
achieved by coupling the signal optically from the computer
modem to the telephone lines; however, this also requires a
low distortion at relatively high currents. Due to its low distor-
tion at high output drive currents, the LM7341 fulfills this need,
in this and in other telecom applications.
REMOTE MICROPHONE IN PERSONAL COMPUTERS
Remote microphones in Personal Computers often utilize a
microphone at the top of the monitor which must drive a long
cable in a high noise environment. One method often used to
reduce the nose is to lower the signal impedance, which re-
duces the noise pickup. In this configuration, the amplifier
usually requires 30 dB–40 dB of gain, at bandwidths higher
than most low-power CMOS parts can achieve. The LM7341
offers the tiny package, higher bandwidths, and greater out-
put drive capability than other rail-to-rail input/output parts can
provide for this application.
LM7341 AS A COMPARATOR
The LM7341 can also be used as a comparator and provides
quite reasonable performance. Note however that unlike a
typical comparator an op amp has a maximum allowed dif-
ferential voltage between the input pins. For the LM7341, as
stated in the Absolute Maximum Ratings section, this maxi-
mum voltage is V
IN Differential = ±15V. Beyond this limit, even
for a short time, damage to the device may occur.
As an inverting comparator at V
S = 30V and 1V of overdrive
there is typically 12
μs of propagation delay. At V
S = 30V and
50 mV of overdrive there is typically 17 µs of propagation de-
lay.
20206054
FIGURE 1. Inverting Comparator
Similarly a non-inverting comparator at V
S = 30V and 1V of
overdrive there is typically 12 µs of propagation delay. At
V
S = 30V and 50 mV of overdrive there is typically 17 μs of
propagation delay.
20206055
FIGURE 2. Non-Inverting Comparator
COMPARATOR WITH HYSTERESIS
The basic comparator configuration may oscillate or produce
a noisy output if the applied differential input voltage is near
the comparator's offset voltage. This usually happens when
the input signal is moving very slowly across the comparator's
switching threshold. This problem can be prevented by the
addition of hysteresis or positive feedback.
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com