Electronic Components Datasheet Search
  English  ▼

X  

LM7341 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7341
Description  짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7341 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM7341 Datasheet HTML 12Page - National Semiconductor (TI) LM7341 Datasheet HTML 13Page - National Semiconductor (TI) LM7341 Datasheet HTML 14Page - National Semiconductor (TI) LM7341 Datasheet HTML 15Page - National Semiconductor (TI) LM7341 Datasheet HTML 16Page - National Semiconductor (TI) LM7341 Datasheet HTML 17Page - National Semiconductor (TI) LM7341 Datasheet HTML 18Page - National Semiconductor (TI) LM7341 Datasheet HTML 19Page - National Semiconductor (TI) LM7341 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
NON-INVERTING COMPARATOR WITH HYSTERESIS
A non-inverting comparator with hysteresis requires a two re-
sistor network, and a voltage reference (V
REF) at the inverting
input. When V
IN is low, the output is also low. For the output
to switch from low to high, V
IN must rise up to VIN1 where
V
IN1 is calculated by
V
IN1 = R1*(VREF/R2) + VREF
When V
IN is high, the output is also high, to make the com-
parator switch back to it's low state, V
IN must equal VREF
before V
A will again equal VREF . VIN can be calculated by
V
IN2 = (VREF (R1+ R2) - VCCR1)/R2
The hysteresis of this circuit is the difference between V
IN1
and V
IN2.
Delta V
IN = VCCR1/R2
For example to achieve 50 mV of hysteresis when V
CC = 30V
set R
1 = 20Ω and R2 = 12.1 kΩ.
20206057
20206058
FIGURE 4. Non-Inverting Comparator with Hysteresis
OTHER SOT-23 AMPLIFIERS
The LM7321 is a rail-to-rail input and output amplifier that can
tolerate unlimited capacitive load. It works from 2.7V to ±15V
and across the −40°C to 125°C temperature range. It has 20
MHz gain-bandwidth, and is available in both 5-Pin SOT-23
and 8-Pin SOIC packages.
The LM6211 is a 20 MHz part with CMOS input, which runs
on 5V to 24V single supplies. It has rail-to-rail output and low
noise.
The LMP7701 is a rail-to-rail input and output precision part
with an input voltage offset under 220 microvolts and low
noise. It has 2.5 MHz bandwidth and works on 2.7V to 12V
supplies.
SMALLER SC70 AMPLIFIERS
The LMV641 is a 10 MHz amplifier which uses only 140 micro
amps of supply current. The input voltage offset is less than
0.5 mV.
The LMV851 is an 8 MHz amplifier which uses only 0.4 mA
supply current, and is available in the smaller SC70 package.
The LMV851 also resists Electro Magnetic Interference (EMI)
from mobile phones and similar high frequency sources. It
works on 2.7V to 5.5 V supplies.
Detailed information on these and a wide range of other parts
can be found at www.national.com.
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com