Electronic Components Datasheet Search
  English  ▼

X  

LM48823TLX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48823TLX
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48823TLX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM48823TLX Datasheet HTML 3Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 4Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 5Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 6Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 7Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 8Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 9Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 10Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 3.6V
300684g9
THD+N vs Frequency
V
DD = 4.2V
300684h0
THD+N vs Output Voltage
A
V = 6dB, ZL = 1μF+15Ω, f = 1kHz
300684f2
THD+N vs Output Voltage
A
V = 6dB, ZL = 2.2μF+15Ω, f = 1kHz
300684f3
Output Voltage vs Frequency
V
DD = 4.2V, ZL = 1μF+15Ω,THD+N = 1%
300684f6
Output Voltage vs Frequency
V
DD = 4.2V, ZL = 2.2μF+15Ω,THD+N = 1%
300684f7
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com