Electronic Components Datasheet Search
  English  ▼

X  

LM48823TLX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48823TLX
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48823TLX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM48823TLX Datasheet HTML 10Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 11Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 12Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 13Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 14Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 15Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 16Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 17Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PCB Layout Guidelines
Minimize trace impedance of the power, ground and all output
traces for optimum performance. Voltage loss due to trace
resistance between the LM48823 and the load results in de-
creased output power and efficiency. Trace resistance be-
tween the power supply and ground has the same effect as a
poorly regulated supply, increased ripple and reduced peak
output power. Use wide traces for power supply inputs and
amplifier outputs to minimize losses due to trace resistance,
as well as route heat away from the device. Proper grounding
improves audio performance, minimizes crosstalk between
channels and prevents switching noise from interfering with
the audio signal. Use of power and ground planes is recom-
mended.
Place all digital components and route digital signal traces as
far as possible from analog components and traces. Do not
run digital and analog traces in parallel on the same PCB lay-
er. If digital and analog signal lines must cross either over or
under each other, ensure that they cross in a perpendicular
fashion.
LM48823TL Demoboard Bill of Materials
Designator
Quantity
Description
C1, C2
2
2.2µF ±10% 10V X5R Ceramic Capacitor (603) Panasonic
ECJ-1VB1A225K Murata GRM033R6OJ104KE19D
C3 – C5
3
1µF ±10% 10V Tantalum Capacitor (402) AVX TACK105M010QTA
C6
1
4.7µF ±10% 6.3V X5R Ceramic Capacitor (603) Panasonic
ECJ-1VB0J475K Murata GRM188R6OJ475KE19D
C7, C8
2
0.1µF ±10% 6.3V X5R Ceramic Capacitor (201) Panasonic ECJ-
ZEB0J104K Murata GRM188R61A225KE34D
JU1 – JU5
5
2 Pin Header
JU6, JU7
3
2 Pin Header
J1
1
5-Pin I2C Header
LM4823TL
1
LM48823TL (16-Bump microSMD)
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com