Electronic Components Datasheet Search
  English  ▼

X  

ISP1102A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1102A
Description  Advanced Universal Serial Bus transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1102A Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1102A Datasheet HTML 1Page - NXP Semiconductors ISP1102A Datasheet HTML 2Page - NXP Semiconductors ISP1102A Datasheet HTML 3Page - NXP Semiconductors ISP1102A Datasheet HTML 4Page - NXP Semiconductors ISP1102A Datasheet HTML 5Page - NXP Semiconductors ISP1102A Datasheet HTML 6Page - NXP Semiconductors ISP1102A Datasheet HTML 7Page - NXP Semiconductors ISP1102A Datasheet HTML 8Page - NXP Semiconductors ISP1102A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1.
General description
The ISP1102A Universal Serial Bus (USB) transceiver is fully compliant with Ref. 1
“Universal Serial Bus Specification Rev. 2.0”. The ISP1102A can transmit and receive
USB data at full-speed (12 Mbit/s).
The transceiver allows USB Application-Specific Integrated Circuits (ASICs) and
Programmable Logic Devices (PLDs) with power supply voltages from 1.65 V to 3.6 V to
interface with the physical layer of the USB. The transceiver has an integrated 5 V-to-3.3 V
voltage regulator for direct powering through USB supply line VBUS. The transceiver has
an integrated voltage detector to detect the presence of the VBUS voltage (VCC(5V0)). When
VCC(5V0) or VREG3V3 is lost, the DP and DM pins can be shared with other serial
protocols.
The transceiver is a bidirectional differential interface and is available in HBCC16
package.
The transceiver is ideal for use in portable electronic devices, such as mobile phones,
digital still cameras, Personal Digital Assistants (PDAs) and Information Appliances (IAs).
2.
Features
I Complies with Ref. 1 “Universal Serial Bus Specification Rev. 2.0”
I Supports data transfer at full-speed (12 Mbit/s)
I Integrated 5 V-to-3.3 V voltage regulator to power through USB line VBUS
I VBUS voltage presence indication on pin VBUSDET
I VP and VM pins function in bidirectional mode, allowing pin count saving for the ASIC
interface
I Used as USB device transceiver or USB host transceiver
I Stable RCV output during Single-Ended Zero (SE0) condition
I Two single-ended receivers with hysteresis
I Low-power operation
I Supports I/O voltage range from 1.65 V to 3.6 V
I ±12 kV ElectroStatic Discharge (ESD) protection at the DP, DM, VCC(5V0) and GND
pins
I Full industrial operating temperature range from −40 °C to +85 °C
I Available in HBCC16 lead-free and halogen-free package
ISP1102A
Advanced Universal Serial Bus transceiver
Rev. 01 — 15 February 2007
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com