Electronic Components Datasheet Search
  English  ▼

X  

ISP1102A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1102A
Description  Advanced Universal Serial Bus transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1102A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1102A Datasheet HTML 9Page - NXP Semiconductors ISP1102A Datasheet HTML 10Page - NXP Semiconductors ISP1102A Datasheet HTML 11Page - NXP Semiconductors ISP1102A Datasheet HTML 12Page - NXP Semiconductors ISP1102A Datasheet HTML 13Page - NXP Semiconductors ISP1102A Datasheet HTML 14Page - NXP Semiconductors ISP1102A Datasheet HTML 15Page - NXP Semiconductors ISP1102A Datasheet HTML 16Page - NXP Semiconductors ISP1102A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ISP1102A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 15 February 2007
12 of 24
NXP Semiconductors
ISP1102A
Advanced USB transceiver
[1]
VOH(min) = V(VREG3V3) − 0.2 V.
[2]
Includes external resistors of 33
Ω± 1 % on both pins DP and DM.
[3]
This voltage is available at pins VREG3V3 and VPU3V3.
[4]
The minimum voltage is 2.7 V in suspend mode.
12. Dynamic characteristics
Table 13.
Static characteristics: analog I/O pins DP and DM
VCC(5V0) = 4.0 V to 5.5 V or V(VREG3V3) = 3.0 V to 3.6 V; VGND = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input levels
Differential receiver
VDI
differential input sensitivity
|V
DP − VDM|
0.2
-
-
V
VCM
differential common mode
voltage
includes VDI range
0.8
-
2.5
V
Single-ended receiver
VIL
LOW-level input voltage
-
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
-
V
Vhys
hysteresis voltage
0.4
-
0.7
V
Output levels
VOL
LOW-level output voltage
RL = 1.5 kΩ to 3.6 V
-
-
0.3
V
VOH
HIGH-level output voltage
RL = 15 kΩ to GND
[1] 2.8
-
3.6
V
Leakage current
ILZ
off-state leakage current
−1-
+1
µA
Capacitance
Cin
input capacitance
pin to GND
-
-
20
pF
Resistance
ZDRV
driver output impedance
steady-state drive
[2] 34
39
44
Ω
ZINP
input impedance
10
-
-
M
Ω
Rsw(VPU3V3)
switch-on resistance on pin
VPU3V3
--10
Ω
Termination
VTERM
termination voltage
for upstream port pull-up
(RPU)
[3][4] 3.0
-
3.6
V
Table 14.
Dynamic characteristics: analog I/O pins DP and DM
VCC(5V0) = 4.0 V to 5.5 V or V(VREG3V3) = 3.0 V to 3.6 V; VCC(IO) = 1.65 V to 3.6 V; VGND = 0 V; see Table 8 for valid voltage
level combinations; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
tFR
rise time
CL = 50 pF to 125 pF; 10 % to
90 % of
|V
OH − VOL|; see Figure 4
4
-
20
ns
tFF
fall time
CL = 50 pF to 125 pF; 90 % to
10 % of
|V
OH − VOL|; see Figure 4
4
-
20
ns
FRFM
differential rise time/fall
time matching
excluding the first transition from
Idle state
90
-
111.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com