Electronic Components Datasheet Search
  English  ▼

X  

BZB84 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZB84
Description  Dual Zener diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZB84 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZB84 Datasheet HTML 1Page - NXP Semiconductors BZB84 Datasheet HTML 2Page - NXP Semiconductors BZB84 Datasheet HTML 3Page - NXP Semiconductors BZB84 Datasheet HTML 4Page - NXP Semiconductors BZB84 Datasheet HTML 5Page - NXP Semiconductors BZB84 Datasheet HTML 6Page - NXP Semiconductors BZB84 Datasheet HTML 7Page - NXP Semiconductors BZB84 Datasheet HTML 8Page - NXP Semiconductors BZB84 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
2 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
2.
Pinning information
3.
Ordering information
[1]
The series consists of 74 types with nominal working voltages from 2.4 V to 75 V.
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode (diode 1)
2
cathode (diode 2)
3
common anode
12
3
006aaa154
12
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BZB84-B2V4 to
BZB84-C75[1]
-
plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
BZB84-B2V4
V9*
BZB84-C2V4
U9*
BZB84-B2V7
VA*
BZB84-C2V7
UA*
BZB84-B3V0
VB*
BZB84-C3V0
UB*
BZB84-B3V3
VC*
BZB84-C3V3
UC*
BZB84-B3V6
VD*
BZB84-C3V6
UD*
BZB84-B3V9
VE*
BZB84-C3V9
UE*
BZB84-B4V3
VF*
BZB84-C4V3
UF*
BZB84-B4V7
VG*
BZB84-C4V7
UG*
BZB84-B5V1
VH*
BZB84-C5V1
UH*
BZB84-B5V6
VK*
BZB84-C5V6
UK*
BZB84-B6V2
VL*
BZB84-C6V2
UL*
BZB84-B6V8
VM*
BZB84-C6V8
UM*
BZB84-B7V5
VN*
BZB84-C7V5
UN*
BZB84-B8V2
VP*
BZB84-C8V2
UP*
BZB84-B9V1
VR*
BZB84-C9V1
UR*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com