Electronic Components Datasheet Search
  English  ▼

X  

BZB84 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZB84
Description  Dual Zener diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZB84 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BZB84 Datasheet HTML 3Page - NXP Semiconductors BZB84 Datasheet HTML 4Page - NXP Semiconductors BZB84 Datasheet HTML 5Page - NXP Semiconductors BZB84 Datasheet HTML 6Page - NXP Semiconductors BZB84 Datasheet HTML 7Page - NXP Semiconductors BZB84 Datasheet HTML 8Page - NXP Semiconductors BZB84 Datasheet HTML 9Page - NXP Semiconductors BZB84 Datasheet HTML 10Page - NXP Semiconductors BZB84 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
7 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
Table 10.
Characteristics per type; BZB84-C2V4 to BZB84-C24
Tj =25 °C unless otherwise specified.
BZB84-
Cxxx
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ =1mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V)
Min
Max
Max
Max
2V4
2.2
2.6
600
100
50
1
−3.5
0
450
6.0
2V7
2.5
2.9
600
100
20
1
−3.5
0
450
6.0
3V0
2.8
3.2
600
95
10
1
−3.5
0
450
6.0
3V3
3.1
3.5
600
95
5
1
−3.5
0
450
6.0
3V6
3.4
3.8
600
90
5
1
−3.5
0
450
6.0
3V9
3.7
4.1
600
90
3
1
−3.5
0
450
6.0
4V3
4.0
4.6
600
90
3
1
−3.5
0
450
6.0
4V7
4.4
5.0
500
80
3
2
−3.5
0.2
300
6.0
5V1
4.8
5.4
480
60
2
2
−2.7
1.2
300
6.0
5V6
5.2
6.0
400
40
1
2
−2.0
2.5
300
6.0
6V2
5.8
6.6
150
10
3
4
0.4
3.7
200
6.0
6V8
6.4
7.2
80
15
2
4
1.2
4.5
200
6.0
7V5
7.0
7.9
80
15
1
5
2.5
5.3
150
4.0
8V2
7.7
8.7
80
15
0.70
5
3.2
6.2
150
4.0
9V1
8.5
9.6
100
15
0.50
6
3.8
7.0
150
3.0
10
9.4
10.6
150
20
0.20
7
4.5
8.0
90
3.0
11
10.4
11.6
150
20
0.10
8
5.4
9.0
85
2.5
12
11.4
12.7
150
25
0.10
8
6.0
10.0
85
2.5
13
12.4
14.1
170
30
0.10
8
7.0
11.0
80
2.5
15
13.8
15.6
200
30
0.05
10.5
9.2
13.0
75
2.0
16
15.3
17.1
200
40
0.05
11.2
10.4
14.0
75
1.5
18
16.8
19.1
225
45
0.05
12.6
12.4
16.0
70
1.5
20
18.8
21.2
225
55
0.05
14.0
14.4
18.0
60
1.5
22
20.8
23.3
250
55
0.05
15.4
16.4
20.0
60
1.25
24
22.8
25.6
250
70
0.05
16.8
18.4
22.0
55
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com