| Electronic Components Datasheet Search |
|
DS2156L Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2156L Datasheet(HTML) 6 Page - Maxim Integrated Products |
|
6 / 265 page ![]() DS2156 6 of 265 LIST OF FIGURES Figure 2-1. Block Diagram........................................................................................................................14 Figure 2-2. Receive and Transmit LIU (TDM Backplane Enabled)...........................................................15 Figure 2-3. Receive and Transmit LIU (UTOPIA Backplane Enabled) .....................................................16 Figure 2-4. Receive and Transmit Framer/HDLC .....................................................................................17 Figure 2-5. Backplane Interface (TDM Backplane Enabled) ....................................................................18 Figure 2-6. Backplane Interface (UTOPIA Bus Enabled) .........................................................................19 Figure 3-1. 10mm CSBGA Pin Configuration (TDM Signals Shown) .......................................................38 Figure 6-1. Programming Sequence ........................................................................................................48 Figure 7-1. Clock Map (TDM Mode) .........................................................................................................52 Figure 15-1. Simplified Diagram of Receive Signaling Path.....................................................................90 Figure 15-2. Simplified Diagram of Transmit Signaling Path....................................................................96 Figure 19-1. CRC-4 Recalculate Method ...............................................................................................116 Figure 23-1. Typical Monitor Application ................................................................................................151 Figure 23-2. CMI Coding ........................................................................................................................153 Figure 23-3. Basic Interface ...................................................................................................................161 Figure 23-4. Protected Interface Using Internal Receive Termination....................................................162 Figure 23-5. E1 Transmit Pulse Template..............................................................................................164 Figure 23-6. T1 Transmit Pulse Template ..............................................................................................164 Figure 23-7. Jitter Tolerance ..................................................................................................................165 Figure 23-8. Jitter Tolerance (E1 Mode).................................................................................................165 Figure 23-9. Jitter Attenuation (T1 Mode)...............................................................................................166 Figure 23-10. Jitter Attenuation (E1 Mode) ............................................................................................166 Figure 23-11. Optional Crystal Connections...........................................................................................167 Figure 24-1. UTOPIA Clocking Configurations.......................................................................................169 Figure 24-2. Polling Phase and Selection Phase at Transmit Interface .................................................172 Figure 24-3. End and Restart of Cell at Transmit Interface ...................................................................173 Figure 24-4. Transmission to PHY Paused for Three Cycles .................................................................174 Figure 24-5. Example of Direct Status Indication, Transmit Direction ....................................................175 Figure 24-6. Transmit Cell Flow .............................................................................................................176 Figure 24-7. Cell-Delineation State Diagram..........................................................................................177 Figure 24-8. Header Correction State Machine......................................................................................178 Figure 24-9. Polling Phase and Selection at Receive Interface..............................................................179 Figure 24-10. End and Restart of Cell Transmission at Receive Interface.............................................180 Figure 24-11. Example of Direct Status Indication, Receive Direction ...................................................181 Figure 26-1. Simplified Diagram of BERT in Network Direction .............................................................202 Figure 26-2. Simplified Diagram of BERT in Backplane Direction..........................................................202 Figure 28-1. IBO Example ......................................................................................................................217 Figure 29-1. ESIB Group of Four DS2156s............................................................................................218 Figure 33-1. JTAG Functional Block Diagram ........................................................................................225 Figure 33-2. TAP Controller State Diagram............................................................................................228 Figure 34-1. Receive-Side D4 Timing ....................................................................................................234 Figure 34-2. Receive-Side ESF Timing ..................................................................................................234 Figure 34-3. Receive-Side Boundary Timing (with elastic store disabled) .............................................235 Figure 34-4. Receive-Side 1.544MHz Boundary Timing (with Elastic Store Enabled) ...........................235 Figure 34-5. Receive-Side 2.048MHz Boundary Timing (with Elastic Store Enabled) ...........................236 Figure 34-6. Transmit-Side D4 Timing ...................................................................................................236 Figure 34-7. Transmit-Side ESF Timing .................................................................................................237 Figure 34-8. Transmit-Side Boundary Timing (with Elastic Store Disabled)...........................................237 Figure 34-9. Transmit-Side 1.544MHz Boundary Timing (with Elastic Store Enabled) ..........................238 Figure 34-10. Transmit-Side 2.048MHz Boundary Timing (with Elastic Store Enabled) ........................238 Figure 34-11. Receive-Side Timing ........................................................................................................239 Figure 34-12. Receive-Side Boundary Timing (with Elastic Store Disabled)..........................................239 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |