Electronic Components Datasheet Search
  English  ▼

X  

MAX6715UT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6715UT
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6715UT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6715UT Datasheet HTML 1Page - Maxim Integrated Products MAX6715UT Datasheet HTML 2Page - Maxim Integrated Products MAX6715UT Datasheet HTML 3Page - Maxim Integrated Products MAX6715UT Datasheet HTML 4Page - Maxim Integrated Products MAX6715UT Datasheet HTML 5Page - Maxim Integrated Products MAX6715UT Datasheet HTML 6Page - Maxim Integrated Products MAX6715UT Datasheet HTML 7Page - Maxim Integrated Products MAX6715UT Datasheet HTML 8Page - Maxim Integrated Products MAX6715UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX6715–MAX6729 are ultra-low-voltage microproces-
sor (µP) supervisory circuits designed to monitor two or three
system power-supply voltages. These devices assert a sys-
tem reset if any monitored supply falls below its factory-
trimmed or adjustable threshold and maintain reset for a
minimum timeout period after all supplies rise above their
thresholds. The integrated dual/triple supervisory circuits sig-
nificantly improve system reliability and reduce size com-
pared to separate ICs or discrete components.
These devices monitor primary supply voltages (VCC1) from
1.8V to 5.0V and secondary supply voltages (VCC2) from
0.9V to 3.3V with factory-trimmed reset threshold voltage
options (see Reset Voltage Threshold Suffix Guide). An
externally adjustable RSTIN input option allows customers to
monitor a third supply voltage down to 0.62V. These devices
are guaranteed to be in the correct reset output logic state
when either VCC1 or VCC2 remains greater than 0.8V.
A variety of push-pull or open-drain reset outputs along with
watchdog input, manual reset input, and power-fail input/out-
put features are available (see Selector Guide). Select reset
timeout periods from 1.1ms to 1120ms (min) (see Reset
Timeout Period Suffix Guide). The MAX6715–MAX6729 are
available in small 5, 6, and 8-pin SOT23 packages and oper-
ate over the -40°C to +85°C temperature range.
Applications
Multivoltage Systems
Telecom/Networking Equipment
Computers/Servers
Portable/Battery-Operated Equipment
Industrial Equipment
Printer/Fax
Set-Top Boxes
Features
♦ VCC1 (primary supply) Reset Threshold Voltages
from 1.58V to 4.63V
♦ VCC2 (secondary supply) Reset Threshold
Voltages from 0.79V to 3.08V
♦ Externally Adjustable RSTIN Threshold for
Auxiliary/Triple-Voltage Monitoring
(0.62V internal reference)
♦ Watchdog Timer Option
35s (min) Long Startup Period
1.12s (min) Normal Timeout Period
♦ Manual Reset Input Option
♦ Power-Fail Input/Power-Fail Output Option
(Push-Pull and Open-Drain Active-Low)
♦ Guaranteed Reset Valid Down to VCC1 or
VCC2 = 0.8V
♦ Reset Output Logic Options
♦ Immune to Short VCC Transients
♦ Low Supply Current 14µA (typ) at 3.6V
♦ Small 5, 6, and 8-Pin SOT23 Packages
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
IN
OUT2
OUT1
DC/DC
CONVERTER
UNREGULATED
DC
R1
R2
VCC1VCC2
RSTIN/PFI
MR
RST
WDI
PFO
MAX67_ _
PUSHBUTTON
SWITCH
I/O
SUPPLY
CORE
SUPPLY
RESET
I/O
NMI
µP
1.8V
0.9V
Typical Operating Circuit
19-2325; Rev 5; 12/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Selector Guide appear at end of
data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6715UT_ _D_ -T
-40°C to +85°C
6 SOT23-6
MAX6716UT_ _D_ -T
-40°C to +85°C
6 SOT23-6
MAX6717UK_ _D_ -T
-40°C to +85°C
5 SOT23-5
MAX6718UK_ _D_ -T
-40°C to +85°C
5 SOT23-5
MAX6719UT_ _D_ -T
-40°C to +85°C
6 SOT23-6
MAX6720UT_ _D_ -T
-40°C to +85°C
6 SOT23-6
Note: The first “_ _” are placeholders for the threshold voltage
levels of the devices. Desired threshold levels are set by the part
number suffix found in the Reset Voltage Threshold Suffix Guide.
The “_” after the D is a placeholder for the reset timeout delay
time. Desired delay time is set using the timeout period suffix
found in the Reset Timeout Period Suffix Guide. For example the
MAX6716UTLTD3-T is a dual-voltage supervisor VTH1 = 4.625V,
VTH2 = 3.075V, and 210ms (typ) timeout period.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing "-T" with "+T" when ordering.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX6715UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715UT MAXIM-MAX6715UT Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6715UTD-T MAXIM-MAX6715UTD-T Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6715UTDT MAXIM-MAX6715UTDT Datasheet
418Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
More results

Similar Description - MAX6715UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com