Electronic Components Datasheet Search
  English  ▼

X  

MAX6715UT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6715UT
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6715UT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6715UT Datasheet HTML 1Page - Maxim Integrated Products MAX6715UT Datasheet HTML 2Page - Maxim Integrated Products MAX6715UT Datasheet HTML 3Page - Maxim Integrated Products MAX6715UT Datasheet HTML 4Page - Maxim Integrated Products MAX6715UT Datasheet HTML 5Page - Maxim Integrated Products MAX6715UT Datasheet HTML 6Page - Maxim Integrated Products MAX6715UT Datasheet HTML 7Page - Maxim Integrated Products MAX6715UT Datasheet HTML 8Page - Maxim Integrated Products MAX6715UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
4
_______________________________________________________________________________________
Note 1: Devices tested at +25°C. Overtemperature limits are guaranteed by design and not production tested.
Note 2: Parameter guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC1 = VCC2 = 0.8V to 5.5V, GND = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET/POWER-FAIL OUTPUTS
VCC1 or VCC2
≥ 0.8V, ISINK = 1µA,
output asserted
0.3
VCC1 or VCC2
≥ 1.0V, ISINK = 50µA,
output asserted
0.3
VCC1 or VCC2
≥ 1.2V, ISINK = 100µA,
output asserted
0.3
VCC1 or VCC2
≥ 2.7V, ISINK = 1.2mA,
output asserted
0.3
RST/RST1/RST2/PFO
Output LOW
(Push-Pull or Open-Drain)
VOL
VCC1 or VCC2
≥ 4.5V, ISINK = 3.2mA,
output asserted
0.4
V
VCC1
≥ 1.8V, ISOURCE = 200µA, output not
asserted
0.8
✕ VCC1
VCC1
≥ 2.7V, ISOURCE = 500µA, output not
asserted
0.8
✕ VCC1
RST/RST1/PFO
Output HIGH
(Push-Pull Only)
VOH
VCC1
≥ 4.5V, ISOURCE = 800µA, output not
asserted
0.8
✕ VCC1
V
VCC2
≥ 1.8V, ISOURCE = 200µA, output not
asserted
0.8
✕ VCC2
VCC2
≥ 2.7V, ISOURCE = 500µA, output not
asserted
0.8
✕ VCC2
RST2
Output HIGH
(Push-Pull Only)
VOH
VCC2
≥ 4.5V, ISOURCE = 800µA, output not
asserted
0.8
✕ VCC2
V
VCC1
≥ 1.0V, ISOURCE = 1µA, reset asserted
0.8
✕ VCC1
VCC1
≥ 1.8V, ISOURCE = 150µA,
reset asserted
0.8
✕ VCC1
VCC1
≥ 2.7V, ISOURCE = 500µA,
reset asserted
0.8
✕ VCC1
RST
Output HIGH
(Push-Pull Only)
VOH
VCC1
≥ 4.5V, ISOURCE = 800µA,
reset asserted
0.8
✕ VCC1
V
VCC1 or VCC2
≥ 1.8V, ISINK = 500µA,
reset not asserted
0.3
VCC1 or VCC2
≥ 2.7V, ISINK = 1.2mA,
reset not asserted
0.3
RST
Output LOW
(Push-Pull or Open Drain)
VOL
VCC1 or VCC2
≥ 4.5V, ISINK = 3.2mA,
reset not asserted
0.4
V
RST/RST1/RST2/PFO Output
Open-Drain Leakage Current
Output not asserted
0.5
µA
RST Output Open-Drain
Leakage Current
Output asserted
0.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com