Electronic Components Datasheet Search
  English  ▼

X  

DS3152 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3152
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3152 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3152 Datasheet HTML 3Page - Maxim Integrated Products DS3152 Datasheet HTML 4Page - Maxim Integrated Products DS3152 Datasheet HTML 5Page - Maxim Integrated Products DS3152 Datasheet HTML 6Page - Maxim Integrated Products DS3152 Datasheet HTML 7Page - Maxim Integrated Products DS3152 Datasheet HTML 8Page - Maxim Integrated Products DS3152 Datasheet HTML 9Page - Maxim Integrated Products DS3152 Datasheet HTML 10Page - Maxim Integrated Products DS3152 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
7 of 61
Figure 1-1. External Connections
2. APPLICATIONS
Figure 2-1. 4-Port Unchannelized DS3/E3 Card
Shorthand Notations. The notation “DS315x” throughout this data sheet refers to either the DS3151, DS3152,
DS3153, or DS3154. This data sheet is the specification for all four parts. The LIUs on the DS315x are identical.
For brevity, this document uses the pin name and register name shorthand “NAMEn,” where “n” stands in place of
the LIU port number. For example, on the DS3154 quad LIU, TCLKn is shorthand notation for pins TCLK1, TCLK2,
TCLK3, and TCLK4 on LIU ports 1, 2, 3, and 4, respectively. This document also uses generic pin and register
names such as TCLK (without a number suffix) when describing LIU operation. When working with a specific LIU
on the DS315x devices, generic names like TCLK should be converted to actual pin names, such as TCLK1.
DS3144
QUAD
DS3/E3
FRAMER
DS3154
QUAD
DS3/E3/STS-1
LIU
1:2ct
1:2ct
0.05
μF
TRANSMIT
RECEIVE
TXP
TXN
RXP
RXN
0.01
μF
3.3V
POWER
PLANE
GROUND
PLANE
VDD
EACH LIU
0.1
μF
1
μF
330
Ω
(1%)
0.05
μF
330
Ω
(1%)
0.01
μF
0.1
μF
1
μF
0.01
μF
0.1
μF
1
μF
VDD
VDD
VSS
VSS
VSS
Dallas
Semiconductor
DS315x
(OPTIONAL)
(OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com