Electronic Components Datasheet Search
  English  ▼

X  

DS3152 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3152
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3152 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3152 Datasheet HTML 1Page - Maxim Integrated Products DS3152 Datasheet HTML 2Page - Maxim Integrated Products DS3152 Datasheet HTML 3Page - Maxim Integrated Products DS3152 Datasheet HTML 4Page - Maxim Integrated Products DS3152 Datasheet HTML 5Page - Maxim Integrated Products DS3152 Datasheet HTML 6Page - Maxim Integrated Products DS3152 Datasheet HTML 7Page - Maxim Integrated Products DS3152 Datasheet HTML 8Page - Maxim Integrated Products DS3152 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
1 of 61
REV: 030607
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The
DS3151
(single),
DS3152
(dual),
DS3153
(triple), and DS3154 (quad) line interface units (LIUs)
perform the functions necessary for interfacing at the
physical layer to DS3, E3, or STS-1 lines. Each LIU
has independent receive and transmit paths and a
built-in jitter attenuator.
APPLICATIONS
SONET/SDH and PDH Multiplexers
Digital Cross-Connects
Access Concentrators
ATM and Frame Relay Equipment
Routers
PBXs
DSLAMs
CSUs/DSUs
FUNCTIONAL DIAGRAM
FEATURES
Single, Dual, Triple, or Quad Integrated
Transmitter, Receiver, and Jitter Attenuators for
DS3, E3, and STS-1
Each Port Independently Configurable
Perform Receive Clock/Data Recovery and
Transmit Waveshaping
Hardware or CPU Bus Configuration Options
Jitter Attenuators can be Placed in Either the
Receive or Transmit Paths
Interface to 75
Ω Coaxial Cable at Lengths Up to
380m (DS3), 440m (E3), or 360m (STS-1)
Use 1:2 Transformers on Tx and Rx
Require Minimal External Components
Local and Remote Loopbacks
Low-Power 3.3V Operation (5V Tolerant I/O)
Industrial Temperature Range: -40°C to +85
°C
Small Package: 144-Pin, 13mm x 13mm
Thermally Enhanced CSBGA
IEEE 1149.1 JTAG Support
Features continued on page 5.
ORDERING INFORMATION
PART
LIUs
TEMP RANGE
PIN-PACKAGE
DS3151
1
0°C to +70°C
144 TE-CSBGA
DS3151N
1
-40°C to +85°C
144 TE-CSBGA
DS3152
2
0°C to +70°C
144 TE-CSBGA
DS3152N
2
-40°C to +85°C
144 TE-CSBGA
DS3153
3
0°C to +70°C
144 TE-CSBGA
DS3153N
3
-40°C to +85°C
144 TE-CSBGA
DS3154
4
0°C to +70°C
144 TE-CSBGA
DS3154N
4
-40°C to +85°C
144 TE-CSBGA
RXP
RXN
TXP
TXN
CLK
DATA
CLK
DATA
LINE
IN
DS3,
E3,
OR STS-1
LINE OUT
DS3, E3,
OR STS-1
RECEIVE
CLOCK
AND DATA
TRANSMIT
CLOCK
AND DATA
EACH LIU
STATUS
CONTROL
Dallas
Semiconductor
DS315x
DS3151/DS3152/DS3153/DS3154
Single/Dual/Triple/Quad
DS3/E3/STS-1 LIUs
www.maxim-ic.com
DEMO KIT AVAILABLE


Similar Part No. - DS3152

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3152 DALLAS-DS3152 Datasheet
788Kb / 60P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
DS3152N DALLAS-DS3152N Datasheet
788Kb / 60P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
More results

Similar Description - DS3152

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
logo
Synaptics Incorporated.
CX28333 CONEXANT-CX28333 Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
logo
Dallas Semiconductor
DS3152 DALLAS-DS3152 Datasheet
788Kb / 60P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
DS3254 DALLAS-DS3254 Datasheet
925Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
TDK Electronics
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
Triple E3/DS3/STS-1 Transceiver
logo
Maxim Integrated Produc...
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
DS3141 MAXIM-DS3141 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
REV: 012003
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1
28333-DSH-001-A MA-COM-28333-DSH-001-A_15 Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com