Electronic Components Datasheet Search
  English  ▼

X  

MAX698EPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX698EPA
Description  Low-Cost, Power-On Reset and Watchdog Controllers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX698EPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX698EPA Datasheet HTML 1Page - Maxim Integrated Products MAX698EPA Datasheet HTML 2Page - Maxim Integrated Products MAX698EPA Datasheet HTML 3Page - Maxim Integrated Products MAX698EPA Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The MAX698/MAX699 monitor the +5V supply in micro-
processor (µP) and digital systems. They supply a
RESET pulse of at least 140ms duration on power-up,
power-down, and during low-voltage brownout condi-
tions. Circuit reliability is increased at reduced cost by
eliminating all external components and adjustments.
The MAX699 includes all features of the MAX698, but
also provides a watchdog input to monitor microproces-
sor activity. The RESET output goes low if the watchdog
input (WDI) is not toggled within 1 second. The watch-
dog feature can be disabled by leaving WDI open.
Both parts are supplied in 8-lead PDIP and 16-lead
0.3in wide small outline (SO) packages and are speci-
fied from 0°C to +70°C for C grade devices and -40°C
to +85°C for E devices. The SO versions, with more
pins than the 8-lead PDIP, have additional outputs not
available in DIP packages. These are RESET (without
inversion) and watchdog output (WDO).
Applications
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
Features
♦ Precision Voltage Monitor
♦ Power-OK/Reset Time Delay
♦ Watchdog Timer
♦ Minimum Component Count
Low-Cost, Power-On Reset
and Watchdog Controllers
________________________________________________________________ Maxim Integrated Products
1
19-2349; Rev 3; 12/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
VCC
VCC
RESET
GND
GND
GND
N.C.
N.C. (WDI)*
MAX698
MAX699*
1
2
3
4
8
7
6
5
DIP
SO
VCC
VCC
RESET
RESET
GND
GND
N.C.
N.C. (WDO)*
MAX698
MAX699*
1
2
3
4
16
15
14
13
N.C.
N.C.
N.C.
N.C.
N.C.
GND
N.C.
N.C. (WDI)*
5
6
7
8
12
11
10
9
TOP VIEW
* PIN LABELS IN ( ) ARE FOR MAX699 ONLY
Pin Configuration
Ordering Information
MAX698
1
2
3
4
VCC
VCC
GND
GND
GND
RESET
N.C.
N.C.
8
7
6
5
+5V
+5V
TO µP
RESET
INPUT
Typical Operating Circuit
PART*
TEMP RANGE
PIN-PACKAGE
MAX698CPA
0°C to +70°C
8 PDIP
MAX698CWE
0°C to +70°C
16 Wide SO
MAX698EPA
-40°C to +85°C
8 PDIP
MAX698EWE
-40°C to +85°C
16 Wide SO
MAX699CPA
0°C to +70°C
8 PDIP
MAX699CWE
0°C to +70°C
16 Wide SO
MAX699EPA
-40°C to +85°C
8 PDIP
MAX699EWE
-40°C to +85°C
16 Wide SO
*Devices are available in both leaded and lead-free packag-
ing. Specify lead free by adding the + symbol at the end of the
part number when ordering.


Similar Part No. - MAX698EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX698EPA MAXIM-MAX698EPA Datasheet
117Kb / 4P
Low Cost Power-On Reset and Watchdog Controllers
1996
More results

Similar Description - MAX698EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX698 MAXIM-MAX698 Datasheet
117Kb / 4P
Low Cost Power-On Reset and Watchdog Controllers
1996
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
Reset Circuit with Manual Reset and Watchdog
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
December 6, 2006
logo
Linear Technology
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
January 12, 2009
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
Buck Regulator with Power-On Reset and Watchdog Timer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com