Electronic Components Datasheet Search
  English  ▼

X  

MAX698EPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX698EPA
Description  Low-Cost, Power-On Reset and Watchdog Controllers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX698EPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX698EPA Datasheet HTML 1Page - Maxim Integrated Products MAX698EPA Datasheet HTML 2Page - Maxim Integrated Products MAX698EPA Datasheet HTML 3Page - Maxim Integrated Products MAX698EPA Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low-Cost, Power-On Reset
and Watchdog Controllers
Pin Description
PIN
SO
PDIP
NAME
FUNCTION
1, 4, 9
3, 4, 8
GND
Chip Power Ground
2, 3
1, 2
VCC
+5V Sense Input and MAX698/MAX699 Chip Power
5–8, 10–14
5, 6
N.C.
No Connection
10
6
WDI (MAX699 Only)
(MAX699 Only.) A three-level input. If WDI remains high or low for
more than the watchdog timeout period, RESET pulses low (WDO
also goes low on the MAX699 SO package). If WDI is unconnected,
the watchdog circuit is disabled.
14
—
WDO (MAX699 Only)
(MAX699 Only.) Goes low when WDI remains high or low for more
than the watchdog timeout period. WDO is set high at the next WDI
transition. If WDI is unconnected or at midsupply, WDO remains high.
WDO also remains high when VCC falls below 4.4V.
15
7
RESET
Goes low when VCC falls below internally set threshold (see the
Electrical Characteristics table).
16
—
RESET
Goes high when VCC falls below internally set threshold.
WDI*
WATCHDOG
TIMER
RESET
TIMER
VCC
VCC
GND
WDO*
RESET
RESET*
POWER-ON
RESET
4.65V
MAX698
MAX699
*WDI ON MAX699 ONLY
RESET ON SO PACKAGE ONLY
WDO ON SO MAX699 ONLY
Figure 1. Block Diagram
_______________________________________________________________________________________
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com